Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP653-O Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP653-O
Description  SMD LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP653-O Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBLP653-O Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP653-O Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
QBLP653 Series
1208 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP653_series
Date: April 23, 2014
Page 6 of 14
Version# 1.5
Dominant Wavelength λ
D for Yellow Green @ IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576
Dominant Wavelength λ
D for Yellow @ IF=20mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=20mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610


Similar Part No. - QBLP653-O

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP653-IR1 ETC1-QBLP653-IR1 Datasheet
657Kb / 9P
   IR LED with Dome Lens
QBLP653-IR3 ETC1-QBLP653-IR3 Datasheet
654Kb / 9P
   IR LED with Dome Lens
QBLP653-RAG ETC1-QBLP653-RAG Datasheet
629Kb / 9P
   Bi-Color LED
QBLP653-RAGUV ETC1-QBLP653-RAGUV Datasheet
643Kb / 10P
   SMD 1210 Bi-Color LED
QBLP653-SAG ETC1-QBLP653-SAG Datasheet
630Kb / 9P
   SMD Bi-Color LED
More results

Similar Description - QBLP653-O

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com