Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5027 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5027
Description  500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5027 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5027 Datasheet HTML 5Page - Maxim Integrated Products MAX5027 Datasheet HTML 6Page - Maxim Integrated Products MAX5027 Datasheet HTML 7Page - Maxim Integrated Products MAX5027 Datasheet HTML 8Page - Maxim Integrated Products MAX5027 Datasheet HTML 9Page - Maxim Integrated Products MAX5027 Datasheet HTML 10Page - Maxim Integrated Products MAX5027 Datasheet HTML 11Page - Maxim Integrated Products MAX5027 Datasheet HTML 12Page - Maxim Integrated Products MAX5027 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
500kHz, 36V Output, SOT23, PWM Step-Up
DC-DC Converters
10
______________________________________________________________________________________
For a design in which VIN = 5V, VOUT = 30V, IOUT =
4mA,
η = 0.5, and TS = 2µs,
LUPPER = 87µH
and
LLOWER = 12µH.
For a worst-case scenario in which VIN = 4.75V, VOUT
= 29V, IOUT = 4.4mA,
η = 0.5, and TS = 1.25µs,
LUPPER = 46µH
and
LLOWER = 9µH.
The choice of 47µH as the recommended inductance
value is reasonable given the worst-case scenario
above. In general, the higher the inductance, the lower
the switching noise. Load regulation is also better with
higher inductance.
Diode Selection
The MAX5025–MAX5028’s high switching frequency
demands a high-speed rectifier. Schottky diodes are
recommended for most applications because of their
fast recovery time and low forward-voltage drop.
Ensure that the diode’s peak current rating is greater
than or equal to the peak inductor current. Also, the
diode reverse breakdown voltage must be greater than
VOUT. Table 2 lists diode vendors.
Capacitor Selection
Output Filter Capacitor
The output filter capacitor should be 1µF or greater. To
achieve low output ripple, a capacitor with low ESR, low
ESL, and high capacitance value should be selected.
For very low output ripple applications, the output of the
boost converter can be followed by an RC filter to fur-
ther reduce the ripple. Figure 3 shows a 100
Ω, 1µF fil-
ter used to reduce the switching output ripple to
1mVp-p.
X7R ceramic capacitors are better for this boost appli-
cation because of their low ESR and tighter tolerance
over temperature than the Y5V ceramic capacitors.
Table 3 below lists manufacturers of recommended
capacitors.
Input Capacitor
Bypass VCC with a 4.7µF ceramic capacitor as close to
the IC as is practical.
Applications Information
Layout Considerations
The MAX5025–MAX5028 switch at high speed, man-
dating careful attention to layout for optimum perfor-
mance. Protect sensitive analog grounds by using a
star ground configuration. Minimize ground noise by
connecting GND, PGND, the input bypass-capacitor
ground lead, and the output-filter ground lead to a sin-
gle point (star ground configuration). Also, minimize
Table 2. Schottky Diode Vendors
VENDOR
PHONE
FAX
PART NUMBERS
Comchip
510-657-8671
510-657-8921
CDBS1045
Panasonic
408-942-2912
408-946-9063
MA2Z785
ST-Microelectronics
602-485-6100
602-486-6102
TMMBAT48
Vishay-Telefunken
402-563-6866
402-563-6296
BAS382
Zetex
631-360-2222
631-360-8222
ZHCS500
Table 3. Capacitor Table
COMPANY
PHONE
FAX
PART NUMBERS
GRM42-2X7R105K050AD (1µF capacitor)
Murata
814-237-1431
814-238-0490
GRM32-1210R71C475R (4.7µF capacitor)
UMK325BJ105KH (1µF capacitor)
Taiyo Yuden
408-573-4150
408-573-4159
EMK316BJ475ML (4.7µF capacitor)
C3225X7R1H155K (1.5µF capacitor)
TDK
847-803-6100
847-803-6296
C3225X7R1H105K (1µF capacitor)


Similar Part No. - MAX5027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5027 MAXIM-MAX5027 Datasheet
93Kb / 8P
   RELIABILITY REPORT FOR MAX5026EUT PLASTIC ENCAPSULATED DEVICES
Rev. A March 12, 2003
MAX5027 MAXIM-MAX5027 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5027 MAXIM-MAX5027 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5027 MAXIM-MAX5027 Datasheet
146Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 1; 9/03
MAX5027EUT-T MAXIM-MAX5027EUT-T Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
More results

Similar Description - MAX5027

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5025 MAXIM-MAX5025_09 Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX5028EUT MAXIM-MAX5028EUT Datasheet
346Kb / 13P
   500kHz, 36V Output, SOT23, PWM Step-Up DC-DC Converters
Rev 2; 3/09
MAX15032 MAXIM-MAX15032 Datasheet
289Kb / 10P
   500kHz, 36V Output, 600mW PWM Step-Up DC-DC Converter
Rev 0; 8/08
logo
Analog Intergrations Co...
AIC1553 AIC-AIC1553 Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
logo
RICOH electronics devic...
R1210N302C RICOH-R1210N302C Datasheet
217Kb / 20P
   SOT23-5 PWM Step-up DC/DC Converter?
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
logo
List of Unclassifed Man...
G5111 ETC-G5111 Datasheet
89Kb / 5P
   Micro-power Step-Up DC/DC Converters in SOT23-5
G5113 ETC-G5113 Datasheet
61Kb / 1P
   Micro-power Step-Up DC/DC Converters in SOT23-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com