Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBLP679E-IWK-WW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP679E-IWK-WW
Description  PLCC6 White LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP679E-IWK-WW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP679E-IWK-WW Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679E-IWK-WW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
QBLP679E-IWK-XX
PLCC6 White LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679E-IWK-XX
Date: March 20, 2014
Page 4 of 11
Version# 2.2
Electrical / Optical Characteristic (Ta=25
oC)
Product
Color
IF (mA)*
VF (V)
CCT (K)
IV (mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP679E-IWK-WW
Warm White
60
3.1
3.6
2760
3000
3260
3600
6000
QBLP679E-IWK-NW
Natural White
60
3.1
3.6
3640
4240
4746
3600
6000
QBLP679E-IWK-CW
Cool White
60
3.1
3.6
5300
6020
7050
3600
6000
*Total forward current for three dies
Absolute Maximum Rating
Material
Pd (mW) IF (mA) IFP (mA)**
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)*** ESD (V)
InGaN
324
90
125
5
-40 to +80
-40 to +85
260
HBM
12000
**Duty 1/8 @ 1KHz
***IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF @ IF=60mA
Bin
Min.
Max.
Unit
B
2.8
2.9
V
C
2.9
3.0
D
3.0
3.1
E
3.1
3.2
F
3.2
3.3
G
3.3
3.4
H
3.4
3.5
I
3.5
3.6
Luminous Intensity IV @ IF=60mA
Note:
Tolerance of measurement of forward voltage: ±0.05V
Tolerance of measurement of luminous intensity: ±15%
All parameters are measured by QT-Brigthek instrument
Bin
Min.
Max.
Unit
20
3600
4600
mcd
21
4600
6000
22
6000
7800
23
7800
9800


Similar Part No. - QBLP679E-IWK-WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679E-IWK-WW ETC2-QBLP679E-IWK-WW Datasheet
618Kb / 11P
   PLCC6 White LED
More results

Similar Description - QBLP679E-IWK-WW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP679-IW ETC2-QBLP679-IW Datasheet
423Kb / 8P
   PLCC6 White LED
QBLP679-IWK-WW ETC1-QBLP679-IWK-WW Datasheet
633Kb / 11P
   PLCC6 White LED
QBLP679E-IWK-WW ETC2-QBLP679E-IWK-WW Datasheet
618Kb / 11P
   PLCC6 White LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD7-0AA02 AVAGO-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
List of Unclassifed Man...
QBLP679E-IBK ETC2-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679E-IBK ETC1-QBLP679E-IBK Datasheet
479Kb / 10P
   PLCC6 LED
QBLP679-IBK ETC2-QBLP679-IBK Datasheet
568Kb / 12P
   PLCC6 LED
QBLP679-RK ETC2-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
QBLP679-RK ETC1-QBLP679-RK Datasheet
469Kb / 9P
   PLCC6 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com