Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX494 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX494
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX494 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX494 Datasheet HTML 1Page - Maxim Integrated Products MAX494 Datasheet HTML 2Page - Maxim Integrated Products MAX494 Datasheet HTML 3Page - Maxim Integrated Products MAX494 Datasheet HTML 4Page - Maxim Integrated Products MAX494 Datasheet HTML 5Page - Maxim Integrated Products MAX494 Datasheet HTML 6Page - Maxim Integrated Products MAX494 Datasheet HTML 7Page - Maxim Integrated Products MAX494 Datasheet HTML 8Page - Maxim Integrated Products MAX494 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
_______________________________________________________________________________________
5
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0V, VOUT = VCC / 2, TA = -55°C to +125°C, unless otherwise noted.)
225
VCM = VEE to VCC
µV/°C
VCM = VOUT = VCC / 2
VCM = VEE to VCC
VCM = VEE to VCC
VCC = 2.7V
VOH
VOH
VCC = 2.7V, RL = 1kΩ,
VOUT = 0.5V to 2.2V
VCC = 2.7V, RL = 100kΩ,
VOUT = 0.25V to 2.45V
VOL
VOL
VCC = 2.7V to 6V
Sourcing
VCC = 5V
RL = 1kΩ
(VEE - 0.05V) ≤ VCM ≤ (VCC + 0.05V)
RL = 100kΩ
CONDITIONS
±2
Input Offset Voltage Tempco
Sinking
Sourcing
Sinking
72
µA
200
VEE + 0.250
Supply Current (per amplifier)
V
2.7
6.0
Operating Supply-Voltage Range
90
VCC - 0.250
VEE + 0.075
VCC = 5.0V, RL = 100kΩ,
VOUT = 0.25V to 4.75V
Sourcing
Sinking
82
V
VCC - 0.075
Output Voltage Swing
(Note 1)
nA
±10
Input Offset Current
nA
±200
86
mV
±1.2
Input Offset Voltage
Input Bias Current
VCC = 5.0V, RL = 1kΩ,
VOUT = 0.5V to 4.5V
80
Sourcing
dB
82
Sinking
Large-Signal Voltage Gain
(Note 1)
dB
80
76
Power-Supply Rejection Ratio
94
V
VEE - 0.05
VCC + 0.05
Common-Mode Input Voltage Range
66
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: RL to VEE for sourcing and VOH tests; RL to VCC for sinking and VOL tests.
dB
Common-Mode Rejection Ratio


Similar Part No. - MAX494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4940 MAXIM-MAX4940 Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940A MAXIM-MAX4940A Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940ACTN++ MAXIM-MAX4940ACTN+ Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940CTN++ MAXIM-MAX4940CTN+ Datasheet
1Mb / 18P
   Dual/Quad, Unipolar/Bipolar, High-Voltage Digital Pulsers
Rev 0; 4/09
MAX4940EVKIT MAXIM-MAX4940EVKIT Datasheet
1Mb / 18P
   3.5mm Scope Probe Jacks
Rev 0; 11/09
More results

Similar Description - MAX494

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com