Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5P49V5933 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 5P49V5933
Description  Generates up to two independent output frequencies
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5933 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 5P49V5933 Datasheet HTML 5Page - Integrated Device Technology 5P49V5933 Datasheet HTML 6Page - Integrated Device Technology 5P49V5933 Datasheet HTML 7Page - Integrated Device Technology 5P49V5933 Datasheet HTML 8Page - Integrated Device Technology 5P49V5933 Datasheet HTML 9Page - Integrated Device Technology 5P49V5933 Datasheet HTML 10Page - Integrated Device Technology 5P49V5933 Datasheet HTML 11Page - Integrated Device Technology 5P49V5933 Datasheet HTML 12Page - Integrated Device Technology 5P49V5933 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
REVISION B 07/13/15
9
PROGRAMMABLE CLOCK GENERATOR
5P49V5933 PRELIMINARY DATASHEET
Table 8: Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 5P49V5933. These ratings, which are standard values for IDT
commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect
product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range.
Table 9: Recommended Operation Conditions
Note: VDDO1 and VDDO2 must be powered on either before or simultaneously with VDDD, VDDA and VDDO0.
Item
Rating
Supply Voltage, VDDA, VDDD, VDDO
3.465V
Inputs
CLKIN, CLKINB
Other inputs
0V to 1.2V voltage swing single-ended
-0.5V to VDDD
Outputs, VDDO (LVCMOS)
-0.5V to VDDO+ 0.5V
Outputs, IO (SDA)
10mA
Package Thermal Impedance,
JA
42
C/W (0 mps)
Package Thermal Impedance,
JC
41.8
C/W (0 mps)
Storage Temperature, TSTG
-65
C to 150C
ESD Human Body Model
2000V
Junction Temperature
125°C
Symbol
Parameter
Min
Typ
Max
Unit
VDDOX
Power supply voltage for supporting 1.8V outputs
1.71
1.8
1.89
V
VDDOX
Power supply voltage for supporting 2.5V outputs
2.375
2.5
2.625
V
VDDOX
Power supply voltage for supporting 3.3V outputs
3.135
3.3
3.465
V
VDDD
Power supply voltage for core logic functions
1.71
3.465
V
VDDA
Analog power supply voltage. Use filtered analog power
supply.
1.71
3.465
V
TA
Operating temperature, ambient
-40
+85
°C
CLOAD_OUT Maximum load capacitance (3.3V LVCMOS only)
15
pF
FIN
Integrated reference crystal
25
MHz
External reference clock CLKIN, CLKINB
1350
tPU
Power up time for all VDDs to reach minimum specified
voltage (power ramps must be monotonic)
0.05
5
ms


Similar Part No. - 5P49V5933

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5933 IDT-5P49V5933 Datasheet
457Kb / 32P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5933 RENESAS-5P49V5933 Datasheet
606Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
logo
Integrated Device Techn...
5P49V5933BdddLTGI IDT-5P49V5933BdddLTGI Datasheet
432Kb / 33P
   Programmable Clock Generator
logo
Renesas Technology Corp
5P49V5933BDDDLTGI RENESAS-5P49V5933BDDDLTGI Datasheet
606Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
More results

Similar Description - 5P49V5933

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5943 IDT-5P49V5943 Datasheet
415Kb / 33P
   Generates up to two independent output frequencies
5P49V5913 IDT-5P49V5913 Datasheet
447Kb / 37P
   Generates up to two independent output frequencies
5P49V5944 IDT-5P49V5944 Datasheet
416Kb / 32P
   Generates up to two independent output frequencies
5P49V5923 IDT-5P49V5923 Datasheet
360Kb / 27P
   Generates up to two independent output frequencies
5P49V5914 IDT-5P49V5914 Datasheet
448Kb / 37P
   Generates up to three independent output frequencies
5P49V5925 IDT-5P49V5925 Datasheet
359Kb / 27P
   Generates up to four independent output frequencies
5P49V5929 IDT-5P49V5929 Datasheet
361Kb / 27P
   Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
   Generates up to four independent output frequencies
5P49V5901 IDT-5P49V5901 Datasheet
452Kb / 37P
   Generates up to four independent output frequencies
5P49V5927 IDT-5P49V5927 Datasheet
361Kb / 27P
   Generates up to three independent output frequencies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com