Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX509
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX509 Datasheet HTML 1Page - Maxim Integrated Products MAX509 Datasheet HTML 2Page - Maxim Integrated Products MAX509 Datasheet HTML 3Page - Maxim Integrated Products MAX509 Datasheet HTML 4Page - Maxim Integrated Products MAX509 Datasheet HTML 5Page - Maxim Integrated Products MAX509 Datasheet HTML 6Page - Maxim Integrated Products MAX509 Datasheet HTML 7Page - Maxim Integrated Products MAX509 Datasheet HTML 8Page - Maxim Integrated Products MAX509 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±10%, VSS = 0V to -5.5V, VREF = 4V, AGND = DGND = 0V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX,
unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Positive Supply Voltage
SYMBOL
4.5
5.5
V
For specified performance
VDD
Negative Supply Voltage
-5.5
0
V
For specified performance
VSS
510
Positive Supply Current
512
mA
IDD
Negative Supply Current
mA
ISS
510
MAX5_ _C/E
MAX5_ _M
MAX5_ _C/E
512
MAX5_ _M
VSS = -5V ±10%, outputs
unloaded, all digital
inputs = 0V or VDD
Note 1: Input resistance is code dependent. The lowest input resistance occurs at code = 55 hex.
Note 2: Input capacitance is code dependent. The highest input capacitance occurs at code = 00 hex.
Note 3: VREF = 4Vp-p, 10kHz. Channel-to-channel isolation is measured by setting the code of one DAC to FF hex and setting the
code of all other DACs to 00 hex.
Note 4: VREF = 4Vp-p, 10kHz. DAC code = 00 hex.
Note 5: Guaranteed by design.
Note 6: Output settling time is measured by taking the code from 00 hex to FF hex, and from FF hex to 00 hex.
TIMING CHARACTERISTICS
(VDD = +5V ±10%, VSS = 0V to -5V, VREF = 4V, AGND = DGND = 0V, CL = 50pF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CLR Pulse Width Low
SYMBOL
50
25
ns
MAX5_ _M
MAX5_ _C/E
40
20
tCLW
MAX5_ _M
50
25
ns
MAX5_ _C/E
40
20
SCLK Fall to
CS Rise Hold Time
0
ns
tCSH2
SCLK Fall to
CS Fall Hold Time
0
ns
(Note 7)
tCSH0
40
MAX5_ _C/E
10
100
MAX5_ _C/E
MAX5_ _C/E
40
40
MAX5_ _C/E
20
12.5
MAX5_ _C/E
DIN to SCLK Rise Hold Time
0
ns
tDH
SCLK Rise to
CS Rise Hold Time
(Note 9)
40
ns
tCSH1
LDAC Pulse Width Low
(Notes 7, 8)
0
ns
tLDW
tCLL
CS Rise to LDAC Fall Setup Time
40
MAX5_ _C/E
CS Fall to SCLK Setup Time
50
ns
MAX5_ _M
tCSS
DIN to SCLK Rise Setup Time
50
ns
MAX5_ _M
tDS
SCLK Clock Frequency
20
10
MHz
MAX5_ _M
fCLK
SCLK Pulse Width High
50
ns
MAX5_ _M
tCH
SCLK Pulse Width Low
MAX5_ _M
50
ns
tCL
SCLK to DOUT Valid
10
100
ns
MAX5_ _M
tDO
Note 7: Guaranteed by design.
Note 8: If
LDAC is activated prior to CS's rising edge, it must stay low for tLDW or longer after CS goes high.
Note 9: Minimum delay from 12th clock cycle to
CS rise.
Outputs unloaded, all
digital inputs = 0V or VDD
POWER SUPPLIES
SERIAL INTERFACE TIMING


Similar Part No. - MAX509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5090AATE MAXIM-MAX5090AATE Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE MAXIM-MAX5090AATE Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results

Similar Description - MAX509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com