Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBPP530C-RD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBPP530C-RD
Description  Super Flux LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBPP530C-RD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  QBPP530C-RD Datasheet HTML 1Page - List of Unclassifed Manufacturers QBPP530C-RD Datasheet HTML 2Page - List of Unclassifed Manufacturers QBPP530C-RD Datasheet HTML 3Page - List of Unclassifed Manufacturers QBPP530C-RD Datasheet HTML 4Page - List of Unclassifed Manufacturers QBPP530C-RD Datasheet HTML 5Page - List of Unclassifed Manufacturers QBPP530C-RD Datasheet HTML 6Page - List of Unclassifed Manufacturers QBPP530C-RD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
QBPP530C-XXZ
Super Flux LED
Product: QBPP530C-XXD
Date: June 25, 2011
Page 6 of 7
Version# 1.0
Ordering Information:
Part #
Orderable Part #
Spec Range
Quantity per Tube
QBPP530C-RD
QBPP530C-RD
Φv = 4200 mlm typ. @ IF=50mA
λD=620-630nm
TBD
QBPP530C-YD
QBPP530C-YD
Φv = 4500 mlm typ. @ IF=50mA
λD=585-597nm
TBD
QBPP530C-IBM
QBPP530C-IBM
Φv = 1630 mlm typ. @ IF=30mA
λD=462-473nm
TBD
QBPP530C-IWM
QBPP530C-IWM
Φv = 7800 mlm typ. @ IF=30mA
(X,Y)=(0.215, 0.321)
TBD


Similar Part No. - QBPP530C-RD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBPP530C-RD ETC2-QBPP530C-RD Datasheet
562Kb / 7P
   Super Flux LED
More results

Similar Description - QBPP530C-RD

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
   SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
   SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
   SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
   SUPER FLUX LED
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
   SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
   SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
   SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
   SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
   SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
   Super Flux LED
logo
DB Lectro Inc
BTF-08BLCS-XX-X DBLECTRO-BTF-08BLCS-XX-X Datasheet
121Kb / 2P
   SUPER FLUX LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com