Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBT40R1 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # QBT40R1
Description  0.4inch Three Digit Display
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBT40R1 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button QBT40R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 11Page - List of Unclassifed Manufacturers QBT40R1 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
QBT40XXZ_series
0.4” Three Digit Display
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBT40XXZ_series
Date: September 14, 2015
Page 10 of 12
Version# 1.2
Ordering Information
Product
Orderable Part #
Spec Range
Quantity per
foam
CC
CA
CC
CA
QBT40R1
QBT40R0
QBT40R1
QBT40R0
Iv=40mcd typ. @ IF=20mA,
λD=625nm typ.
168pcs
QBT40S1
QBT40S0
QBT40S1
QBT40S0
Iv=25mcd typ. @ IF=20mA,
λD=639nm typ.
168pcs
QBT40Y1
QBT40Y0
QBT40Y1
QBT40Y0
Iv=60mcd typ. @ IF=20mA,
λD=590nm typ.
168pcs
QBT40O1
QBT40O0
QBT40O1
QBT40O0
Iv=60mcd typ. @ IF=20mA,
λD=606nm typ.
168pcs
QBT40AG1
QBT40AG0
QBT40AG1
QBT40AG0
Iv=25mcd typ. @ IF=20mA,
λD=571nm typ.
168pcs
QBT40IG1
QBT40IG0
QBT40IG1
QBT40IG0
Iv=200mcd typ. @ IF=20mA,
λD=525nm typ.
168pcs
QBT40IB1
QBT40IB0
QBT40IB1
QBT40IB0
Iv=40mcd typ. @ IF=20mA,
λD=470nm typ.
168pcs


Similar Part No. - QBT40R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBT40R1 ETC2-QBT40R1 Datasheet
303Kb / 5P
   0.4??Three Digit Display
More results

Similar Description - QBT40R1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LTD425-65-XX-PF LIGITEK-LTD425-65-XX-PF Datasheet
145Kb / 10P
   TRIPLE DIGIT LED DISPLAY (0.4Inch)
logo
Kingbright Corporation
SA04-11SRWA KINGBRIGHT-SA04-11SRWA Datasheet
182Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11SURKWA KINGBRIGHT-SC04-11SURKWA Datasheet
360Kb / 6P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11SYKWA KINGBRIGHT-SC04-11SYKWA Datasheet
358Kb / 6P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
DA04-11SYKWA KINGBRIGHT-DA04-11SYKWA Datasheet
354Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
DC04-11SRWA KINGBRIGHT-DC04-11SRWA Datasheet
152Kb / 4P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
SC04-12YWA KINGBRIGHT-SC04-12YWA Datasheet
199Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11GWA KINGBRIGHT-SC04-11GWA Datasheet
184Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11EWA KINGBRIGHT-SC04-11EWA Datasheet
185Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
DA04-11SURKWA KINGBRIGHT-DA04-11SURKWA Datasheet
356Kb / 6P
   10mm (0.4INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com