Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBSS390AG Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QBSS390AG
Description  0.39inch Single Digit Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBSS390AG Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  QBSS390AG Datasheet HTML 1Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 2Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 3Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 4Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 5Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 6Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 7Page - List of Unclassifed Manufacturers QBSS390AG Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
QBSS39ZXX
0.39” Single Digit Display
Product: QBSS39ZXX
Date: June 24, 2011
Page 7 of 8
Version# 1.0
Ordering Information:
Product
Spec Range
Quantity per reel
CA
CA
QBSS390R
QBSS391R
Iv = 60mcd typ.
1000pcs
QBSS390Y
QBSS391Y
Iv = 35mcd typ.
1000pcs
QBSS390AG
QBSS391AG
Iv = 25mcd typ.
1000pcs
QBSS390IB
QBSS391IB
Iv = 200mcd typ.
1000pcs
QBSS390IG
QBSS391IG
Iv = 200mcd typ.
1000pcs


Similar Part No. - QBSS390AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS390AG ETC2-QBSS390AG Datasheet
372Kb / 8P
   0.39??Single Digit Display
More results

Similar Description - QBSS390AG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS39R1 ETC1-QBS39R1 Datasheet
658Kb / 11P
   0.39inch Single Digit Display
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-S3 LIGITEK-LSD355-6SBKS-XX-S3 Datasheet
128Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-66F-XX-PF LIGITEK-LSD355-66F-XX-PF Datasheet
161Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD375-61-XX-PF LIGITEK-LSD375-61-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-62V-XX LIGITEK-LSD355-62V-XX Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY(0.39Inch)
LSD355-62-XX-PF LIGITEK-LSD355-62-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBKS-XX-P19-PF LIGITEK-LSD355-6SBKS-XX-P19-PF Datasheet
133Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-6SBK-XX-PF LIGITEK-LSD355-6SBK-XX-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com