Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBSS560R Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QBSS560R
Description  0.56inch Single Digit Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBSS560R Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QBSS560R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 9Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 10Page - List of Unclassifed Manufacturers QBSS560R Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
QBSS56ZXX
0.56” Single Digit Display
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBSS56ZXX
Date: March 24, 2014
Page 11 of 11
Version# 1.2
Revision History
Description:
Revision #
Revision Date
New Release of QBS56ZXX
V1.0
06/24/2011
Amend format and optical spec
V1.1
12/12/2013
Add Packing spec
V1.2
03/24/2014
Disclaimer
QT-BRIGHTEK reserves the right to make changes without further notice to any products herein to
improve reliability, function or design. QT-BRIGHTEK does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under
its patent rights, nor the rights of others.
Life Support Policy
QT-
BRIGHTEK’s products are not authorized for use as critical components in life support devices or
systems without the express written approval of QT-BRIGHTEK. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury of the user.
2. A critical component in any component of a life support device or system whose failure to perform
can be reasonably expected to cause the failure of the life support device or system, or to affect its
safety or effectiveness.


Similar Part No. - QBSS560R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS200AG ETC1-QBSS200AG Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS200R ETC1-QBSS200R Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS201AG ETC1-QBSS201AG Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS201R ETC1-QBSS201R Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS390AG ETC2-QBSS390AG Datasheet
372Kb / 8P
   0.39??Single Digit Display
More results

Similar Description - QBSS560R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS56R1 ETC1-QBS56R1 Datasheet
540Kb / 13P
   0.56inch Single Digit Display
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SYKWA KINGBRIGHT-SC56-11SYKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com