Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBSS560Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QBSS560Y
Description  0.56inch Single Digit Display
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBSS560Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QBSS560Y Datasheet HTML 1Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 2Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 3Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 4Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 5Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 6Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 7Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 8Page - List of Unclassifed Manufacturers QBSS560Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
QBSS56ZXX
0.56” Single Digit Display
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBSS56ZXX
Date: March 24, 2014
Page 1 of 11
Version# 1.2
QT-Brightek SMD Display Series
0.56
” Single Digit Display
Part No.: QBSS56ZXX
XX= Color
Z= 1: Common Cathode
Z = 0: Common Anode


Similar Part No. - QBSS560Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBSS200AG ETC1-QBSS200AG Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS200R ETC1-QBSS200R Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS201AG ETC1-QBSS201AG Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS201R ETC1-QBSS201R Datasheet
599Kb / 10P
   0.20inch single Digit SMD Display
QBSS390AG ETC2-QBSS390AG Datasheet
372Kb / 8P
   0.39??Single Digit Display
More results

Similar Description - QBSS560Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBS56R1 ETC1-QBS56R1 Datasheet
540Kb / 13P
   0.56inch Single Digit Display
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SYKWA KINGBRIGHT-SC56-11SYKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com