Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBTS390Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBTS390Y
Description  0.39inch Three Digit Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBTS390Y Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBTS390Y Datasheet HTML 1Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 2Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 3Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 4Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 5Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 6Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 7Page - List of Unclassifed Manufacturers QBTS390Y Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
QBTS39ZXX
0.39” Three Digit Display
Product: QBTS39ZXX
Date: June 24, 2011
Page 3 of 8
Version# 1.0
Pin Configuration:


Similar Part No. - QBTS390Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBTS560AG ETC2-QBTS560AG Datasheet
646Kb / 10P
   0.56??Three Digit Display
QBTS560R ETC2-QBTS560R Datasheet
646Kb / 10P
   0.56??Three Digit Display
QBTS561AG ETC2-QBTS561AG Datasheet
646Kb / 10P
   0.56??Three Digit Display
QBTS561R ETC2-QBTS561R Datasheet
646Kb / 10P
   0.56??Three Digit Display
More results

Similar Description - QBTS390Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBQS390R ETC1-QBQS390R Datasheet
382Kb / 8P
   0.39inch Four Digit Display
QBSS390R ETC1-QBSS390R Datasheet
372Kb / 8P
   0.39inch Single Digit Display
QBS39R1 ETC1-QBS39R1 Datasheet
658Kb / 11P
   0.39inch Single Digit Display
QBDS390R ETC1-QBDS390R Datasheet
429Kb / 9P
   0.39inch Dual Digit Display
logo
LIGITEK electronics co....
LSD375-6A-XX-PF LIGITEK-LSD375-6A-XX-PF Datasheet
141Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LSD355-65-XX-P21-PF LIGITEK-LSD355-65-XX-P21-PF Datasheet
135Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.39Inch)
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com