Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMR16-05-CW-A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QMR16-05-CW-A
Description  5W MR16 Spot Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QMR16-05-CW-A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QMR16-05-CW-A Datasheet HTML 1Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 2Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 3Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 4Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 5Page - List of Unclassifed Manufacturers QMR16-05-CW-A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5W MR16 Spot Light
Product: QMR16-05-XX-Z
Date: March 27, 2014
Page 4 of 6
Version# 1.1
Specification
Type A (Beam Angle: 15°)
Part Number
QMR16-05-WW-A
QMR16-05-CW-A
Input Voltage
AC/DC 12V
Power Dissipation
5W
Light Color
Warm White (3000K typ.)
Cool White (6500K typ.)
Luminous Flux
280lm typ.
340lm typ.
CRI
70
Beam Angle
15°
Operating Temperature
Range
-25°~ +50°
Storage Temperature
Range
-25°~ +60°
Operating Humidity
Range
5% ~ 95%
Lifetime
20,000 ~ 30,000 hours
Type B (Beam Angle: 25°)
Part Number
QMR16-05-WW-B
QMR16-05-CW-B
Input Voltage
AC/DC 12V
Power Dissipation
5W
Light Color
Warm White (3000K typ.)
Cool White (6500K typ.)
Luminous Flux
280lm typ.
340lm typ.
CRI
70
Beam Angle
25°
Operating Temperature
Range
-25°~ +50°
Storage Temperature
Range
-25°~ +60°
Operating Humidity
Range
5% ~ 95%
Lifetime
20,000 ~ 30,000 hours
Part Number
QMR16-05-IG-B
QMR16-05-IB-B
Input Voltage
AC/DC 12V
Power Dissipation
5W
Light Color
Green
Blue
Luminous Flux
120lm typ.
90lm typ.
Beam Angle
25°
Operating Temperature
Range
-25°~ +50°
Storage Temperature
Range
-25°~ +60°
Operating Humidity
Range
5% ~ 95%
Lifetime
20,000 ~ 30,000 hours


Similar Part No. - QMR16-05-CW-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QMR16-05-CW-A ETC2-QMR16-05-CW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
More results

Similar Description - QMR16-05-CW-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QMR16-05-WW-A ETC2-QMR16-05-WW-A Datasheet
330Kb / 6P
   5W MR16 Spot Light
logo
BetLux Electronics
TLL-M16-061 BETLUX-TLL-M16-061 Datasheet
35Kb / 1P
   Spot Lamp Series MR16
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
logo
List of Unclassifed Man...
MR16X-005-3000 ETC2-MR16X-005-3000 Datasheet
300Kb / 5P
   5W MR16 High Power LED Lamp
logo
BetLux Electronics
TLL-MR16F3W-061 BETLUX-TLL-MR16F3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
TLL-MR16HT3W-061 BETLUX-TLL-MR16HT3W-061 Datasheet
38Kb / 1P
   Spot Lamp High Power, MR16 base
TLL-MR16H1W-061 BETLUX-TLL-MR16H1W-061 Datasheet
39Kb / 1P
   Spot Lamp High Power, MR16 base
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
   1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
logo
List of Unclassifed Man...
SPTMR16003WF03 ETC2-SPTMR16003WF03 Datasheet
1Mb / 5P
   LED SPT03 Spot Light Series
logo
Shenzhen Huazhimei Semi...
HM4117 HMSEMI-HM4117 Datasheet
600Kb / 8P
   MR16 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com