Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509ACWP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX509ACWP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509ACWP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX509ACWP Datasheet HTML 2Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 3Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 4Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 5Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 6Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 7Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 8Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 9Page - Maxim Integrated Products MAX509ACWP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Quad, Serial 8-DACs
with Rail-to-Rail Outputs
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
A = REFA, 10Vp-p
B = OUTA, 100
µV/div, UNLOADED
TIMEBASE = 10
µs/div
VDD = +5V, VSS = -5V
CODE = ALL 0s
REFERENCE FEEDTHROUGH AT 40kHz
A
B
A = REFA, 10Vp-p
B = OUTA, 50
µV/div, UNLOADED
TIMEBASE = 1ms/div
REFERENCE FEEDTHROUGH AT 400Hz
A
B
A = REFA, 10Vp-p
B = OUTA, 50
µV/div, UNLOADED
TIMEBASE = 50
µs/div
REFERENCE FEEDTHROUGH AT 10kHz
A
B
5V
50µV
100µS
A = REFA, 10Vp-p
B = OUTA, 50
µV/div, UNLOADED
TIMEBASE = 100
µs/div
REFERENCE FEEDTHROUGH AT 4kHz
A
B
10
5.0
3.6
0-4
ZERO-CODE ERROR
vs. NEGATIVE SUPPLY VOLTAGE
3.8
4.8
VSS (V)
-3
4.4
4.0
-1
-2
4.6
3.4
4.2
-5
-6
VDD = +5V
VREF = +4V
A = CS, 2V/div
B = OUTA, 20mV ˜
TIMEBASE = 200ns/div
WORST-CASE 1LSB DIGITAL STEP CHANGE
A
B
200nS
2V
20mV


Similar Part No. - MAX509ACWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
   fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5090AATE MAXIM-MAX5090AATE Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE MAXIM-MAX5090AATE Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results

Similar Description - MAX509ACWP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com