Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99187 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 99187
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99187 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  99187 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99187 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99187 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99187 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 4
SSL Solutions Faster Than The Speed Of Light®
Typical Electrical & Optical Characteristic Curves:
Relative Power / Voltage
Relative Luminous Flux / Voltage
10.0V
10.5V
11.0V
11.5V
12.0V
12.5V
13.0V
10.0V
10.5V
11.0V
11.5V
12.0V
12.5V
13.0V
Lumen Thermal De-Rating Curve
(Ta=25°C)
25° 30° 35° 40° 45° 50° 55° 60° 65°
75°
70°
80° 85°
70%
80%
75%
95%
90%
85%
100%
(°C)
0%
40%
20%
100%
120%
140%
80%
60%
160%
0%
40%
20%
100%
120%
140%
80%
60%
160%
3.4W 22mm 12V Square
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9918 ETC2-9918 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
9918001100 ETC2-9918001100 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
99180011000 ETC2-99180011000 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
99180015000 ETC2-99180015000 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
9918002100 ETC2-9918002100 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results

Similar Description - 99187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com