Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99188 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 99188
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99188 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  99188 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99188 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99188 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99188 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
0
20
40
60
80
100
400
450
500
550
600
650
700
750
800
Wavelength (nm)
Cool White
Neutral White
Warm White
Typical Electrical & Optical Characteristic Curves:
Spectrum (VF=12Vrms, Ta=25°C, pulsed measurement)
Radiant Angle & Pattern (VF=12Vrms, Ta=25°C, pulsed measurement)
Packaging
• LED Modules will be packaged in trays for primary protection.
• According to the total delivery amount, cardboard boxes will be used to protect the trays of LED Modules from mechanical shocks during transportation.
• The boxes are not water resistant and therefore must be kept away from water and moisture.
Reliability and Average Lumen Maintenance
Before releasing new products the manufacturer puts a representative product sample set through an entire suite of qualification tests, including the most stressful
test for high power LEDs, the Wet High-Temperature Operating Life (WHTOL) test at 85°C/85%RH for 1000 hours at the specified operating current.
LED lifetime has been extrapolated based on the accumulated operating and accelerated aging data. Based on this data, the manufacturer projects that the LED
products will deliver, on average, 70% lumen maintenance at 50,000 hours of operation at the specified operating current, provided that the case temperature is
maintained at or below 80°C.
Design Considerations/Specifications
Thermal Management Requirements
• Heat Sink Required (22 square cm/watt surface area)
• Thermal epoxy – No mechanical mounting required
• Thermal tape – No mechanical mounting required
• Thermal grease – Mechanical mounting required
Mechanical Mounting
• Use nylon washers for all mounting holes when using screws.
• Do not put force on LEDs.
• Do not bend PCB.
Electrical Interface
• Solder Pads
Emitting
Color
Center
CCT (K)
Flux
Code
Min
Max
Warm
White
2700
F28
45
50
F29
50
55
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
Warm
White
3000
F28
45
50
F29
50
55
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
F35
95
110
Neutral
White
4000
F29
50
55
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
F35
95
110
Cool
White
5000
F30
55
60
F31
60
68
F32
68
75
F33
75
85
F34
85
95
F35
95
110
F36
110
125
90°
10°
20°
30°
40°
50°
60°
70°
80°
0
30°
60°
90°
0.5
1
0.0
0.5
1.0
-0.9
-0.4
0.1
0.6
3.4W 22mm 12V Square
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99188

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9918 ETC2-9918 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
9918001100 ETC2-9918001100 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
99180011000 ETC2-99180011000 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
99180015000 ETC2-99180015000 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
9918002100 ETC2-9918002100 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results

Similar Description - 99188

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com