Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5104 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5104
Description  Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5104 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5104 Datasheet HTML 1Page - Maxim Integrated Products MAX5104 Datasheet HTML 2Page - Maxim Integrated Products MAX5104 Datasheet HTML 3Page - Maxim Integrated Products MAX5104 Datasheet HTML 4Page - Maxim Integrated Products MAX5104 Datasheet HTML 5Page - Maxim Integrated Products MAX5104 Datasheet HTML 6Page - Maxim Integrated Products MAX5104 Datasheet HTML 7Page - Maxim Integrated Products MAX5104 Datasheet HTML 8Page - Maxim Integrated Products MAX5104 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, Dual, Voltage-Output, 12-Bit DAC
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±10%, VREFA = VREFB = +2.048V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C (OS_ connected to AGND for a gain of +2V/V).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
VDD to DGND ...........................................................-0.3V to +6V
AGND to DGND ..................................................................±0.3V
OSA, OSB to AGND.......................(VAGND - 4V) to (VDD + 0.3V)
REF_, OUT_ to AGND.................................-0.3V to (VDD + 0.3V)
Digital Inputs (SCLK, DIN,
CS,
CL, PDL) to DGND ...........................................(-0.3V to +6V)
Digital Outputs (DOUT, UPO) to DGND .....-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin .........................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.30mW/°C above +70°C).......667mW
Operating Temperature Ranges
MAX5104CEE ...................................................0°C to +70°C
MAX5104EEE.................................................-40C° to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
REFERENCE INPUT
DIGITAL INPUTS
Input Hysteresis
VHYS
200
mV
Input Capacitance
CIN
8
pF
Input Leakage Current
IIN
0.001
±1
µA
VIN = 0 to VDD
Input Low Voltage
VIL
0.8
V
CL, PDL, CS, DIN, SCLK
Signal-to-Noise plus
Distortion Ratio
SINAD
75
dB
Input code = 1FFE hex,
VREF_ = 1Vp-p at 1.25VDC, f = 25kHz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Gain Error
-0.2
±8
LSB
Offset Tempco
TCVOS
4
ppm/°C
Offset Error
VOS
±10
mV
Differential Nonlinearity
DNL
±1
LSB
Gain-Error Tempco
4
ppm/°C
20
600
µV/V
VDD Power-Supply
Rejection Ratio
PSRR
Integral Nonlinearity
Resolution
12
Bits
INL
±4
LSB
Reference Input Resistance
RREF
14
20
k
Reference 3dB Bandwidth
300
kHz
Reference Feedthrough
-82
dB
Normalized to 2.048V
Code = 10
Guaranteed monotonic
Normalized to 2.048V
Minimum with code 1554 hex
4.5V
≤ VDD ≤ 5.5V
Input code = 1FFE hex,
VREF_ = 0.67Vp-p at 2.5VDC
Input code = 0000 hex,
VREF_ = (VDD - 1.4Vp-p), f = 1kHz
(Note 1)
STATIC PERFORMANCE
Reference Input Range
0VDD - 1.4
V
REF
MULTIPLYING-MODE PERFORMANCE
Input High Voltage
VIH
3
V
CL, PDL, CS, DIN, SCLK


Similar Part No. - MAX5104

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MAX5104XXXXX ZARLINK-MAX5104XXXXX Datasheet
262Kb / 12P
   RADIATION HARD 4096 x 1 BIT STATIC RAM
More results

Similar Description - MAX5104

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
logo
IC MICROSYSTEMS
ICM7722 ICMIC-ICM7722 Datasheet
137Kb / 10P
   12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
logo
IC MICROSYSTEMS
ICM7712 ICMIC-ICM7712 Datasheet
333Kb / 9P
   12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com