Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99036 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 99036
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99036 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  99036 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99036 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99036 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99036 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
CIE Chromaticity Coordinates:
(VF=12Vrms, Ta=25°C, pulsed measurement)
Energy Star
ANSI
Rank
x1
y1
x2
y2
x3
y3
x4
y4
Center
CCT(K)
TY
T2
0.4562
0.426
0.4463
0.407
0.4578
0.4101
0.468
0.4285
2700
T3
0.4463
0.407
0.4371
0.3885
0.4482
0.392
0.4578
0.4101
T6
0.468
0.4285
0.4578
0.4101
0.47
0.412
0.4813
0.4319
T7
0.4578
0.4101
0.4482
0.392
0.4593
0.3944
0.47
0.412
T1
0.464
0.441
0.4562
0.426
0.468
0.4285
0.476
0.443
T4
0.4371
0.3885
0.4273
0.369
0.4376
0.372
0.4482
0.392
T5
0.476
0.443
0.468
0.4285
0.4813
0.4319
0.4892
0.445
T8
0.4482
0.392
0.4376
0.372
0.448
0.3745
0.4593
0.3944
T9
0.4892
0.445
0.4813
0.4319
0.4935
0.4335
0.5017
0.4465
TA
0.4813
0.4319
0.47
0.412
0.4815
0.414
0.4935
0.4335
TB
0.47
0.412
0.4593
0.3944
0.4702
0.396
0.4815
0.414
TC
0.4593
0.3944
0.448
0.3745
0.4585
0.377
0.4702
0.396
RY
R2
0.4299
0.4165
0.422
0.399
0.4338
0.403
0.4416
0.4205
3000
R3
0.422
0.399
0.4147
0.3814
0.4262
0.386
0.4338
0.403
R6
0.4416
0.4205
0.4338
0.403
0.4463
0.407
0.4562
0.426
R7
0.4338
0.403
0.4262
0.386
0.4371
0.3885
0.4463
0.407
R1
0.437
0.4332
0.4299
0.4165
0.4416
0.4205
0.4493
0.437
R4
0.4147
0.3814
0.407
0.3636
0.4178
0.367
0.4262
0.386
R5
0.4493
0.437
0.4416
0.4205
0.4562
0.426
0.464
0.441
R8
0.4262
0.386
0.4178
0.367
0.4273
0.369
0.4371
0.3885
PY
P2
0.374
0.3888
0.37
0.372
0.3818
0.3795
0.3863
0.395
4000
P3
0.37
0.372
0.367
0.3568
0.377
0.363
0.3818
0.3795
P6
0.3863
0.395
0.3818
0.3795
0.3941
0.385
0.3996
0.4015
P7
0.3818
0.3795
0.377
0.363
0.3889
0.369
0.3941
0.385
P1
0.3783
0.4085
0.374
0.3888
0.3863
0.395
0.3926
0.416
P4
0.367
0.3568
0.364
0.343
0.3727
0.3482
0.377
0.363
P5
0.3926
0.416
0.3863
0.395
0.3996
0.4015
0.407
0.422
P8
0.377
0.363
0.3727
0.3482
0.384
0.354
0.3889
0.369
EY
E2
0.3377
0.3625
0.3368
0.348
0.345
0.355
0.3461
0.369
5000
E3
0.3368
0.348
0.3366
0.3369
0.344
0.342
0.345
0.355
E6
0.3461
0.369
0.345
0.355
0.353
0.361
0.3551
0.376
E7
0.345
0.355
0.344
0.342
0.3515
0.3487
0.353
0.361
E1
0.3385
0.379
0.3377
0.3625
0.3461
0.369
0.3477
0.387
E4
0.3366
0.3369
0.336
0.3195
0.3425
0.326
0.344
0.342
E5
0.3477
0.387
0.3461
0.369
0.3551
0.376
0.358
0.395
E8
0.344
0.342
0.3425
0.326
0.3495
0.332
0.3515
0.3487
13.4W 305mm 12V Linear
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9903 ETC2-9903 Datasheet
34Kb / 3P
   4 Pairs, 3 - 28 AWG (7x32) tinned copper conductors, 1 - 24 AWG (7x36), all individually shielded, overall isolated Duofoil
logo
Belden Inc.
9903 BELDEN-9903 Datasheet
145Kb / 2P
   Transceiver 10BASE5, #28-3pr, #24-1pr, PO, Isolated Shields, PVC Jkt, CMG
03-04-2023
logo
Keystone Electronics Co...
9903 KEYSTONE-9903 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9903 KEYSTONE-9903 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
Coto Technology
9903-05-00 COTO-9903-05-00 Datasheet
294Kb / 2P
   Surface Mount Reed Relays
More results

Similar Description - 99036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99011 ETC2-99011 Datasheet
752Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99186 ETC2-99186 Datasheet
1,010Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99016 ETC2-99016 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99222 ETC2-99222 Datasheet
720Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99076 ETC2-99076 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com