Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99076 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 99076
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99076 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  99076 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99076 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99076 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99076 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99076 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99076 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
20W 120V AC Dual Round LED Module
AC LED Technology by Lynk Labs
Compatible with Phase-cut Dimmers
5 yr. Warranty
80mm 120V AC Dual Round LED Module
Model
Number
Input
Power (W)
Input
Voltage (Vac)
Color
Temp (K)
Lumens
LPW
99076
20
120
2200
1347
67
99280
20
120
2700
1404
70
99077
20
120
3000
1433
72
99281
20
120
3500
1470
73
99078
20
120
4000
1490
75
99079
20
120
5000
1519
76
99080
20
120
5700
1533
77
Applications
• Flush Mounts
• Down Lighting
• Ceiling Fans
• Indoor/Outdoor General
Line-voltage Illumination
• Ideal for commercial,
hospitality or residential
Features
• Direct 120V line connection
• Compatible with most existing leading edge
or trailing edge phase cut AC Dimmers
• High Power Efficiency
• Significant Energy Savings
• Reliable, fast and easy
• Durable Light Source
• Long Operating Life
• Releasable Poke-in Connectors
Specifications
Drive Voltage:
120Vac (100-132V Min-Max)
AC Current:
176 mA @25ºC typical; 190 mA max
Power Dissipation:
20W typical; 23W max
Power Factor:
>0.97
THD:
<20%
Life:
50,000 Hrs, if used as specified
Luminous Flux:
1550 lm @3000K
Luminous Efficacy:
78 LPW ±10% @3000K
Viewing Angle:
120 deg
Operating Temp:
-25ºC to +100ºC
Storage Temp:
-40ºC to +100ºC
Soldering Temp:
370ºC
5.7 max
1.2
Ø6.0
Ø4.0 (2x)
Ø18.0
177.4
9.5
30.6
97.4
106.7
Designed to easily replace 2 incandecent lamps in flush-mount downlights.
Line voltage AC LED modules are easy to use, offering direct connectivity
and effectively replacing traditional lamp technologies. Patented AC LED
technology eliminates the need for an AC-DC driver.
Rev 4-9-15
RECOGNIZED
COMPONENT


Similar Part No. - 99076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99076 ETC2-99076 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results

Similar Description - 99076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99071 ETC2-99071 Datasheet
956Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99041 ETC2-99041 Datasheet
971Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
99115 ETC2-99115 Datasheet
1Mb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99110 ETC2-99110 Datasheet
984Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99086 ETC2-99086 Datasheet
989Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99066 ETC2-99066 Datasheet
1,009Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers, Warm Dimming Option 5 yr. Warranty
99036 ETC2-99036 Datasheet
765Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99191 ETC2-99191 Datasheet
749Kb / 4P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99104 ETC2-99104 Datasheet
915Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99031 ETC2-99031 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com