Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX490EEPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX490EEPA
Description  짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX490EEPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX490EEPA Datasheet HTML 6Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 7Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 8Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 9Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 10Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 11Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 12Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 13Page - Maxim Integrated Products MAX490EEPA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
10
______________________________________________________________________________________
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC 50M to 100M
RD 330Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 6. IEC1000-4-2 ESD Test Model
tr = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
R
R
Y
Z
VOD
VOC
Figure 8. Driver DC Test Load
Figure 7. IEC1000-4-2 ESD Generator Current Waveform
RECEIVER
OUTPUT
TEST POINT
1k
1k
S1
S2
VCC
CRL
15pF
Figure 9. Receiver Timing Test Load
CHARGE CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
RD 1500Ω
HIGH
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 4. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 5. Human Body Model Current Waveform


Similar Part No. - MAX490EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX490E MAXIM-MAX490E Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490EPA MAXIM-MAX490EPA Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX490ESA MAXIM-MAX490ESA Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
More results

Similar Description - MAX490EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com