Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5120 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5120
Description  3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5120 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5120 Datasheet HTML 4Page - Maxim Integrated Products MAX5120 Datasheet HTML 5Page - Maxim Integrated Products MAX5120 Datasheet HTML 6Page - Maxim Integrated Products MAX5120 Datasheet HTML 7Page - Maxim Integrated Products MAX5120 Datasheet HTML 8Page - Maxim Integrated Products MAX5120 Datasheet HTML 9Page - Maxim Integrated Products MAX5120 Datasheet HTML 10Page - Maxim Integrated Products MAX5120 Datasheet HTML 11Page - Maxim Integrated Products MAX5120 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
+3V/+5V, 12-Bit, Serial Voltage-Output DACs
with Internal Reference
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5V (MAX5120), VDD = +3V (MAX5121), RL = 5kΩ, CL = 100pF, OS = AGND, TA = +25°C, unless otherwise noted.)
CS
2V/div
OUT
500mV/div
2
µs/div
MAX5121
DYNAMIC RESPONSE FALL TIME
MAX5120/21-22
SCLK
2V/div
OUT
500
µV/div
AC COUPLED
2
µs/div
MAX5121
DIGITAL FEEDTHROUGH (SCLK, OUT)
MAX5120/21-23
CS
2V/div
OUT
100mV/div
AC COUPLED
5
µs/div
MAX5121
MAJOR CARRY TRANSITION
MAX5120/21-24
Pin Description
PIN
Offset Adjust (Analog Input)
OS
1
FUNCTION
NAME
Analog Output Voltage. High impedance if part is in shutdown.
OUT
2
Power-Down Lockout (Digital Input)
1: Normal operation.
0: Disallows shutdown (device cannot be powered down).
PDL
4
Reset Value Input (Digital Input)
1: Tie to VDD to select midscale as the output reset value.
0: Tie to DGND to select 0V as the output reset value.
RSTVAL
3
Active-Low Chip-Select Input (Digital Input)
CS
6
Serial Clock Input
SCLK
8
Serial Data Input. Data is clocked in on the rising edge of SCLK.
DIN
7
Reset DAC Input (Digital Input). Clears the DAC to its predetermined (RSTVAL) output state. Clearing the
DAC will cause it to exit a software shutdown state.
CLR
5
Serial Data Output
DOUT
10
Power-Down Input (Digital Input). Pulling PD high when PDL = VDD places the IC into shutdown with a
maximum shutdown current of 20µA.
PD
12
User-Programmable Output (Digital Output)
UPO
11
Buffered Reference Output/Input. In internal reference mode, the reference buffer provides a +2.5V
(MAX5120) or +1.25V (MAX5121) nominal output, externally adjustable at REFADJ. In external reference
mode, disable the internal reference by pulling REFADJ to VDD and applying the external reference to REF.
REF
14
Positive Power Supply. Bypass with a 0.1µF capacitor in parallel with a 4.7µF capacitor to AGND.
VDD
16
Analog Reference Adjust Input. Bypass with a 33nF capacitor to AGND. Connect to VDD when using an
external reference.
REFADJ
15
Analog Ground
AGND
13
Digital Ground
DGND
9


Similar Part No. - MAX5120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122AEEE MAXIM-MAX5122AEEE Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122BEEE MAXIM-MAX5122BEEE Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5123AEEE MAXIM-MAX5123AEEE Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
More results

Similar Description - MAX5120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5232 MAXIM-MAX5232_09 Datasheet
656Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 2; 5/09
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com