Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99268 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 99268
Description  28W 120V AC 572mm Linear LED Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99268 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  99268 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99268 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99268 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99268 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99268 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99268 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 5 of 6
SSL Solutions Faster Than The Speed Of Light®
Typical Electrical & Optical Characteristic Curves:
100V
Relative Power / Voltage
105V
110V
115V
120V
125V
130V
Relative Luminous Flux / Voltage
0%
40%
20%
100%
80%
60%
120%
100V
105V
110V
115V
120V
125V
130V
0%
40%
20%
100%
80%
60%
120%
Lumen Thermal De-Rating Curve
(Ta=25°C)
25° 30° 35° 40° 45° 50° 55° 60° 65°
75°
70°
80° 85°
70%
80%
75%
95%
90%
85%
100%
(°C)
28W 572mm 120V Linear
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99268

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
9926 VBSEMI-9926 Datasheet
996Kb / 7P
   Dual N-Channel 20-V (D-S) MOSFET
logo
List of Unclassifed Man...
99260 ETC2-99260 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99261 ETC2-99261 Datasheet
788Kb / 5P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99264 ETC2-99264 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
99265 ETC2-99265 Datasheet
906Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers
More results

Similar Description - 99268

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99250 ETC2-99250 Datasheet
1Mb / 6P
   114W 120V AC 204mm Square LED Module
99255 ETC2-99255 Datasheet
1Mb / 6P
   56W 120V AC 204mm Square LED Module
logo
NHP Electrical Engineer...
1794-IA16 NHP-1794-IA16 Datasheet
523Kb / 1P
   FLEX I/O 16DI 120V AC MODULE
7 June 2023,
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
   LED Light Engine, 11??Linear Module
98026 ETC2-98026 Datasheet
615Kb / 2P
   LED Light Engine, 23??Linear Module
logo
NTE Electronics
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
   Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
   Acrich2 120V 17W Module
Rev. 00 Nov. 2012
logo
Molex Electronics Ltd.
SD-47745-100 MOLEX-SD-47745-100 Datasheet
358Kb / 1P
   CMC 28W R/A HEADER
Rev. A3
logo
Phihong USA Inc.
PDA028A-1A4B-R PHIHONG-PDA028A-1A4B-R Datasheet
142Kb / 3P
   28W LED Driver with 1400mA Constant Current LED Power Supply for Residential Lighting
logo
Schneider Electric
DL1BDG5 SCHNEIDER-DL1BDG5 Datasheet
85Kb / 1P
   AMBER LED BULB 120V
Aug 10, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com