Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8732-01 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS8732-01
Description  Maximum output frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8732-01 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS8732-01 Datasheet HTML 5Page - Integrated Device Technology ICS8732-01 Datasheet HTML 6Page - Integrated Device Technology ICS8732-01 Datasheet HTML 7Page - Integrated Device Technology ICS8732-01 Datasheet HTML 8Page - Integrated Device Technology ICS8732-01 Datasheet HTML 9Page - Integrated Device Technology ICS8732-01 Datasheet HTML 10Page - Integrated Device Technology ICS8732-01 Datasheet HTML 11Page - Integrated Device Technology ICS8732-01 Datasheet HTML 12Page - Integrated Device Technology ICS8732-01 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8732AY-01
www.idt.com
REV. E MAY 2, 2013
9
ICS8732-01
LOW VOLTAGE, LOW SKEW
3.3V LVPECL CLOCK GENERATOR
FIGURE 4C. CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER
FIGURE 4B. CLK/NCLK INPUT DRIVEN BY
3.3V LVPECL DRIVER
FIGURE 4D. CLK/NCLK INPUT DRIVEN BY
3.3V LVDS DRIVER
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL
and other differential signals. Both V
SWING and VOH must meet the
V
PP and VCMR input requirements.
Figures 4A to 4D show
interface examples for the CLK/nCLK input driven by the most
common driver types. The input interfaces suggested here are
examples only. Please consult with the vendor of the driver
FIGURE 4A. CLK/NCLK INPUT DRIVEN BY
LVHSTL DRIVER
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
Zo = 50 Ohm
R1
100
3.3V
LVDS_Driv er
Zo = 50 Ohm
Receiv er
CLK
nCLK
3.3V
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8732-01 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA and VCCO
should be individually connected to the power supply plane
through vias, and bypass capacitors should be used for
each pin. To achieve optimum jitter performance, power
supply isolation is required.
Figure 3 illustrates how a 10
Ω
resistor along with a 10
μF and a .01μF bypass capacitor
should be connected to each V
CCA pin.
FIGURE 3. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
POWER SUPPLY FILTERING TECHNIQUES
component to confirm the driver termination requirements. For
example in
Figure 4A, the input termination applies for LVHSTL
drivers. If you are using an LVHSTL driver from another
vendor, use their termination recommendation.


Similar Part No. - ICS8732-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS873033 ICST-ICS873033 Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AG ICST-ICS873033AG Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGLF ICST-ICS873033AGLF Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGLFT ICST-ICS873033AGLFT Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGT ICST-ICS873033AGT Datasheet
260Kb / 16P
   HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
More results

Similar Description - ICS8732-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com