Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

99258 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 99258
Description  56W 120V AC 204mm Square LED Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99258 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  99258 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99258 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99258 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99258 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99258 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99258 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 5 of 6
SSL Solutions Faster Than The Speed Of Light®
Typical Electrical & Optical Characteristic Curves:
100V
Relative Power / Voltage
105V
110V
115V
120V
125V
130V
Relative Luminous Flux / Voltage
0%
40%
20%
100%
80%
60%
120%
100V
105V
110V
115V
120V
125V
130V
0%
40%
20%
100%
80%
60%
120%
Lumen Thermal De-Rating Curve
(Ta=25°C)
25° 30° 35° 40° 45° 50° 55° 60° 65°
75°
70°
80° 85°
70%
80%
75%
95%
90%
85%
100%
(°C)
56W 204mm 120V Square
AC LED Light Engine
AC LED BY LYNK LABS


Similar Part No. - 99258

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9925 BELDEN-9925 Datasheet
190Kb / 2P
   RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9925-060100 BELDEN-9925-060100 Datasheet
190Kb / 2P
   RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9925-0601000 BELDEN-9925-0601000 Datasheet
190Kb / 2P
   RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9925-060500 BELDEN-9925-060500 Datasheet
190Kb / 2P
   RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
logo
List of Unclassifed Man...
99250 ETC2-99250 Datasheet
1Mb / 6P
   114W 120V AC 204mm Square LED Module
More results

Similar Description - 99258

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99250 ETC2-99250 Datasheet
1Mb / 6P
   114W 120V AC 204mm Square LED Module
99046 ETC2-99046 Datasheet
976Kb / 6P
   28W 120V AC 572mm Linear LED Module
logo
NHP Electrical Engineer...
1794-IA16 NHP-1794-IA16 Datasheet
523Kb / 1P
   FLEX I/O 16DI 120V AC MODULE
7 June 2023,
logo
Seoul Semiconductor
SMJD-2V16W2P3 SEOUL-SMJD-2V16W2P3 Datasheet
376Kb / 14P
   Acrich2 120V 17W Module
Rev. 00 Nov. 2012
logo
LUMEX INC.
SLL-LX5579IGW LUMEX-SLL-LX5579IGW Datasheet
56Kb / 1P
   5X5mm SQUARE LED
logo
Richco, Inc.
SQLEDS1-4-26 RICHCO-SQLEDS1-4-26 Datasheet
46Kb / 1P
   SQUARE LED SPACERS
logo
Schneider Electric
DL1BDG5 SCHNEIDER-DL1BDG5 Datasheet
85Kb / 1P
   AMBER LED BULB 120V
Aug 10, 2019
9001KM38 SCHNEIDER-9001KM38 Datasheet
148Kb / 3P
   30MM LIGHT MODULE RESISTOR 120V
Jan 19, 2022
logo
Protek Devices
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
   120V AC POWER LINE SURGE SUPPRESSOR
587B051 PROTEC-587B051 Datasheet
97Kb / 3P
   120V AC POWER LINE SURGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com