Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98041 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 98041
Description  LED Light Engine, 9.1??Round Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98041 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  98041 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98041 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
CIE Chromaticity Coordinates:
X
Y
0.3783
0.3836
0.3909
0.3906
0.3746
0.3687
0.3864
0.3757
4000K
3 Step Macadams Ellipse
X
Y
0.4045
0.3975
0.4189
0.4044
0.3989
0.3819
0.412
0.3875
3500K
3 Step Macadams Ellipse
X
Y
0.4325
0.4101
0.4452
0.4146
0.4244
0.3923
0.4362
0.3965
3000K
3 Step Macadams Ellipse
X
Y
0.4576
0.4183
0.4698
0.4212
0.4478
0.3999
0.4591
0.4025
2700K
3 Step Macadams Ellipse
Tc (°C)
65mA/LED
Relative Luminous Flux / Tc Temperature
0
20
40
60
80
100
120
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Compatible TRP Drivers:
PLED96W-034-C2800
PLED96W-034-C2800-D
PLED96W-034-C2800-D3
PLED96W-034-C2800-PD
PLED96W-034-C2800-HV
PLED96W-034-C2800-D-HV
PLED96W-034-C2800-D3-HV
PLED96W-034-C2800-PD-HV
9.1” Round Std. DC
LED Light Engine Module
Step Dimming:
This Light Engine can be step-dimmed, with a recommended
TRP dimmable driver and SD series step-dimming module.
See the SD2 or SD3 data sheet for wiring information.
Mounting Notes
Contact factory for more information.
Static Sensitive Device
Handle only at static-safe work stations.
Thermal Application Notes
Heat sink required during operation. For assistance in designing
proper thermal management for your application, contact TRP.
Maximum Current
Max Current: 2950mA
Voltage at max current: 32V, Power at max current: 94.4W
The total maximum current reflects the LED maximum forward current
only, without considering thermal needs. Driving the LEDs this hard will
likely violate their thermal limits, depending on the application.
Tc point
must remain at or below the max temperature, or the warranty will
be voided. Temperature is directly correlated to LED current.
X
Y
0.3408
0.3461
0.3485
0.3520
0.3416
0.3585
0.3499
0.3644
5000K
3 Step Macadams Ellipse


Similar Part No. - 98041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9804 ETC2-9804 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Belden Inc.
9804 BELDEN-9804 Datasheet
191Kb / 2P
   RS232/422 Low Cap, #28-2pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
01-20-2023
logo
Heyco.
9804 HEYCO-9804 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
Belden Inc.
9804.060100 BELDEN-9804.060100 Datasheet
191Kb / 2P
   RS232/422 Low Cap, #28-2pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
01-20-2023
9804.0601000 BELDEN-9804.0601000 Datasheet
191Kb / 2P
   RS232/422 Low Cap, #28-2pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
01-20-2023
More results

Similar Description - 98041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
98021 ETC2-98021 Datasheet
604Kb / 2P
   LED Light Engine, 4.7??Round Module
98013 ETC2-98013 Datasheet
607Kb / 2P
   LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
   LED Light Engine, 3.7??Round Module
98026 ETC2-98026 Datasheet
615Kb / 2P
   LED Light Engine, 23??Linear Module
98006 ETC2-98006 Datasheet
683Kb / 2P
   LED Light Engine, 10.2??Fingerboard Module
98034 ETC2-98034 Datasheet
655Kb / 2P
   LED Light Engine, 2.5??Rectangle Module
98000 ETC2-98000 Datasheet
596Kb / 2P
   LED Light Engine, 11??Linear Module
98025 ETC2-98025 Datasheet
638Kb / 2P
   LED Light Engine, 7??Canopy Module
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
   LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
   LED light engine.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com