Electronic Components Datasheet Search |
|
ICS87001I-01 Datasheet(PDF) 7 Page - Integrated Device Technology |
|
ICS87001I-01 Datasheet(HTML) 7 Page - Integrated Device Technology |
7 / 14 page ICS87001BGI-01 REVISION A JANUARY 23, 2013 7 ©2013 Integrated Device Technology, Inc. ICS87001I-01 Data Sheet LVCMOS/LVTTL CLOCK DIVIDER Table 5E. AC Characteristics, VDD = 2.5V ± 5%, VDDO = 1.8V ± 0.15V, TA = -40°C to 85°C NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium has been reached under these conditions. All parameters measured at fIN 250MHz unless noted otherwise. NOTE 1: Measured from the VDD/2 of the input to VDDO/2 of the output. NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltage, same frequency, same temperature and with equal load conditions. Using the same type of input on each device, the output is measured at VDDO/2. NOTE 3: This parameter is defined in accordance with JEDEC Standard 65. Symbol Parameter Test Conditions Minimum Typical Maximum Units fOUT Output Frequency 250 MHz tPD Propagation Delay, Low to High; NOTE 1 N 2 3.6 5.2 7.0 ns N > 2 4.8 6.2 7.7 ns tsk(pp) Part-to-Part Skew; NOTE 2, 3 550 ps tR /tF Output Rise/Fall Time 20% to 80% 0.5 1.1 2.5 ns odc Output Duty Cycle 40 60 % tEN Output Enable Time 10 ns tDIS Output Disable Time 10 ns |
Similar Part No. - ICS87001I-01 |
|
Similar Description - ICS87001I-01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |