Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLED35W-100-C0360 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BLED35W-100-C0360
Description  Budget Series Switch Mode LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLED35W-100-C0360 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BLED35W-100-C0360 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLED35W-100-C0360 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
BLED-35W Series
Budget Series Switch Mode LED Drivers
Constant Current with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Class 2:
US/Canada
US Only
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 120V; >0.80 @ full load, 277V
Inrush Current:
<25 A max @ 230 Vac, cold start 25ºC
Input Current:
0.35 A max @ 120 Vac; 0.18 A max @ 230 Vac
Maximum Power:
35W
Line Regulation:
± 4%
Load Regulation:
± 5%
THD:
<_ 20% @ full load
Leakage Current:
300 µA Typical
Hold Up Time:
Half Cycle
Start-up Time:
< 1.0 S
Output Protection:
Over-Voltage, Over-Current, Short Circuit (auto-recovery)
Environmental Specifications
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Maximum Case Temp.
90°C
Humidity:
5% to 95%
Cooling:
Convection
Sound Rating:
Class A
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
MTBF:
580,000 Hours @ full load, 40ºC per MIL-217F Notice 2
Impact Resistance:
1g/s
Weight:
5.8 oz (165 g)
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
BLED35W-200-C0170
170
120-200
34
89
BLED35W-100-C0360
360
60-100
36
89
BLED35W-070-C0500
500
42-70
35
89
BLED35W-063-C0550
550
38-63
35
88
BLED35W-054-C0640
640
32-54
35
88
BLED35W-048-C0700
700
29-48
34
87
BLED35W-043-C0810
810
26-43
35
87
BLED35W-036-C1000
1000
21-36
36
86
BLED35W-030-C1200
1200
18-30
36
86
BLED35W-024-C1500
1500
14-24
36
85
BLED35W-022-C1600
1600
13-22
35
84
BLED35W-018-C2000
2000
10-18
36
84
BLED35W-012-C3000
3000
7-12
36
83
E332160
Rev 8-12-15
• Smaller footprint than our standard drivers
• Total Power: 35 Watts
• Input Voltage: 100-277 Vac
• Indoor Applications, IP64
• UL Dry or Damp Location Rated
• 2 year Warranty


Similar Part No. - BLED35W-100-C0360

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BLED112 SILABS-BLED112 Datasheet
3Mb / 12P
   BLED112 USB dongle
Version 1.4
BLED112-V1 SILABS-BLED112-V1 Datasheet
3Mb / 12P
   BLED112 USB dongle
Version 1.4
logo
List of Unclassifed Man...
BLED12W-012-C1000 ETC2-BLED12W-012-C1000 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED12W-016-C0800 ETC2-BLED12W-016-C0800 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED12W-018-C0660 ETC2-BLED12W-018-C0660 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
More results

Similar Description - BLED35W-100-C0360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLED12W-150-C0080 ETC2-BLED12W-150-C0080 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED40W-200-C0200 ETC2-BLED40W-200-C0200 Datasheet
569Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED50W-200-C0250 ETC2-BLED50W-200-C0250 Datasheet
594Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED25W-200-C0120 ETC2-BLED25W-200-C0120 Datasheet
710Kb / 2P
   Budget Series Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com