Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLED35W-070-C0500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BLED35W-070-C0500
Description  Budget Series Switch Mode LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BLED35W-070-C0500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BLED35W-070-C0500 Datasheet HTML 1Page - List of Unclassifed Manufacturers BLED35W-070-C0500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
Dimensions - mm
HOT SPOT
5.91 Min [150 Min]
5.91 Min [150 Min]
0.39±0.04
[10.0±1]
3.74 [95]
0.20 [5]
0.20 [5]
1.87 [47.5]
1.61 [41]
0.39 [10]
DC Output
Red (+)
Blue (-)
AC Input
White (N)
Black (L)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
All wires are stranded with solder dipped ends.
Safety and EMC Compliance
UL/CUL
UL8750, CSA-C22.2
C E
EN61347
FCC, 47CFR Part 15 Class B
EN61000-3-2
EN61000-3-3
Class C
40
45
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
0
60
90
105
120
75
15
30
45
135
50
55
60
65
70
75
80
85
90
BLED35W Series
UL Conditions of Acceptability
See website for additional information
Note:
Life calculations are based on reliability with confidence using
a 90% confidence level and <5% failure rate. At a confidence
level of 90% it is expected that <5% of the parts will fail at
the rated life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)
Note:
Disconnect power to LED driver for at least 30 seconds before connecting or disconnecting Driver output and LED Engine. This prevents potential arcing transients
that can damage the Engine and Driver. See Hot Plugging in our Driver Application Guide for more information.


Similar Part No. - BLED35W-070-C0500

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BLED112 SILABS-BLED112 Datasheet
3Mb / 12P
   BLED112 USB dongle
Version 1.4
BLED112-V1 SILABS-BLED112-V1 Datasheet
3Mb / 12P
   BLED112 USB dongle
Version 1.4
logo
List of Unclassifed Man...
BLED12W-012-C1000 ETC2-BLED12W-012-C1000 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED12W-016-C0800 ETC2-BLED12W-016-C0800 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED12W-018-C0660 ETC2-BLED12W-018-C0660 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
More results

Similar Description - BLED35W-070-C0500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BLED12W-150-C0080 ETC2-BLED12W-150-C0080 Datasheet
592Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED40W-200-C0200 ETC2-BLED40W-200-C0200 Datasheet
569Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED50W-200-C0250 ETC2-BLED50W-200-C0250 Datasheet
594Kb / 2P
   Budget Series Switch Mode LED Drivers
BLED25W-200-C0120 ETC2-BLED25W-200-C0120 Datasheet
710Kb / 2P
   Budget Series Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com