Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5152 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5152
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5152 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5152 Datasheet HTML 1Page - Maxim Integrated Products MAX5152 Datasheet HTML 2Page - Maxim Integrated Products MAX5152 Datasheet HTML 3Page - Maxim Integrated Products MAX5152 Datasheet HTML 4Page - Maxim Integrated Products MAX5152 Datasheet HTML 5Page - Maxim Integrated Products MAX5152 Datasheet HTML 6Page - Maxim Integrated Products MAX5152 Datasheet HTML 7Page - Maxim Integrated Products MAX5152 Datasheet HTML 8Page - Maxim Integrated Products MAX5152 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Configurable Outputs
________________________________________________________________
Maxim Integrated Products
1
19-1304; Rev 0; 10/97
_______________General Description
The MAX5152/MAX5153 low-power, serial, voltage-out-
put, dual 13-bit digital-to-analog converters (DACs)
consume only 500µA from a single +5V (MAX5152) or
+3V (MAX5153) supply. These devices feature Rail-to-
Rail® output swing and are available in space-saving
16-pin QSOP and DIP packages. Access to the invert-
ing input allows for specific gain configurations, remote
sensing, and high output current capability, making
these devices ideally suited for industrial process con-
trols. These devices are also well suited for digitally
programmable (4–20mA) current loops.
The 3-wire serial interface is SPI™/QSPI™ and
Microwire™ compatible. Each DAC has a double-
buffered input organized as an input register followed
by a DAC register, which allows the input and DAC reg-
isters to be updated independently or simultaneously.
Additional features include a programmable shutdown
(2µA), hardware-shutdown lockout, a separate voltage
reference for each DAC, power-on reset, and an active-
low clear input (CL) that resets all registers and DACs
to zero. The MAX5152/MAX5153 provide a programma-
ble logic output pin for added functionality, and a seri-
al-data output pin for daisy chaining.
________________________Applications
Industrial Process Control
Motion Control
Digital Offset and Gain
Digitally Programmable
Adjustment
4–20mA Current Loops
Remote Industrial Controls
Automatic Test Equipment
____________________________Features
o 13-Bit Dual DAC with Configurable Output
Amplifier
o Single-Supply Operation: +5V (MAX5152)
+3V (MAX5153)
o Rail-to-Rail Output Swing
o Low Quiescent Current:
500µA (normal operation)
2µA (shutdown mode)
o Power-On Reset Clears DAC Outputs to Zero
o SPI/QSPI and Microwire Compatible
o Space-Saving 16-Pin QSOP Package
o Pin-Compatible 12-Bit Versions:
MAX5156/MAX5157
______________Ordering Information
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd. SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corp.
Ordering Information continued at end of data sheet.
*
Dice are tested at TA = +25°C, DC parameters only.
Dice*
0°C to +70°C
±1
MAX5152BC/D
16 QSOP
0°C to +70°C
±1
MAX5152BCEE
16 QSOP
0°C to +70°C
±1/2
MAX5152ACEE
16 Plastic DIP
0°C to +70°C
±1
MAX5152BCPE
16 Plastic DIP
0°C to +70°C
±1/2
MAX5152ACPE
PIN-PACKAGE
TEMP. RANGE
INL
(LSB)
PART
REFA
CL
DOUT
16-BIT
SHIFT
REGISTER
SR
CONTROL
INPUT
REG A
SCLK UPO
REFB
DIN
CS
DAC A
DAC B
FBA
FBB
OUTA
OUTB
DAC
REG A
INPUT
REG B
LOGIC
OUTPUT
DECODE
CONTROL
DAC
REG B
MAX5152
MAX5153
VDD
AGND
DGND
PDL
_________________________________________________________Functional Diagram
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX5152

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX515 MAXIM-MAX515 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACEE MAXIM-MAX5150ACEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACPE MAXIM-MAX5150ACPE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150AEEE MAXIM-MAX5150AEEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
More results

Similar Description - MAX5152

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com