Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP3-480 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BSP3-480
Description  LED Driver & Ballast Surge Protectors, Enhanced
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BSP3-480 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BSP3-480 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
BSP3-120 / BSP3-208-240 / BSP3-277
BSP3-347 / BSP3-480
BSP3 series 3-Pole LED Driver & Ballast Surge Protectors, Enhanced
BSP3 series products are designed to be used in conjunction
with LED Drivers and electronic fluorescent and HID ballasts
to provide an additional level of protection against powerline
disturbances in industrial and commercial applications
Features
Wiring
Dimensions (Nom.)
• The BSP3 Series are 3-leaded devices that protect Line-Ground, Line-Neutral,
and Neutral-Ground in accordance with IEEE / ANSI C62.41.2 guidelines
• Protects against surges according to IEEE C62.41.2 C High (10kA and 10kV)
• Protects against surges according to ANSI C136.2
• Surge current rating = 10,000 Amps using industry standard 8/20 µSec wave
• Surge Location Rated Category C3
• UL Recognized Component in the United States and Canada (UL935, UL1029),
Some models Recognized to UL1449 (see below)
• High temperature, flameproof plastic enclosure,
85ºC max surface temp rating
• Thermally Protected Transient Over-voltage Circuit
1.55”
2.82”
.75”
Threaded Nipple:
½”-NPS
2.25”
Output
to Lamp
Black
Green
White
COM
GROUND
Vin
BSP3
LOAD
LED Driver
or electronic ballast
Pulse rating
(8 x 20 μSec)
Strikes
Surge
1
10,000 A
2
6,500 A
10
3,000 A
100
1,500 A
1,000
700 A
Part Number
Mains
Voltage
Continuous
Max Voltage Rating
Max
Clamping Voltage
8/20 µS @ 10kA
UL1449 UL935/
UL1029
AC
DC
BSP3-120
120V
150
200
600
BSP3-208-240
240V
275
350
1000
BSP3-277
277V
320
420
1500
BSP3-347
347V
420
560
1900
BSP3-480
480V
550
715
2500
Leads:
12”, stripped 0.63”
Leadwire:
AWG#16 stranded
Weight:
0.33 lbs / 128g
MADE IN USA
Of Imported And Domestic Components
E355018
Rev 6-27-14


Similar Part No. - BSP3-480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP3-480 ETC2-BSP3-480 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-480 ETC2-BSP3-480 Datasheet
861Kb / 3P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
Hubbell Incorporated.
BSP3-480 HUBBELL-BSP3-480 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
List of Unclassifed Man...
BSP3-480(LC) ETC2-BSP3-480(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
More results

Similar Description - BSP3-480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
   LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
logo
Hubbell Incorporated.
BSP3 HUBBELL-BSP3 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
   Lightning Surge Protectors for Lightning Surge Protectors for
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
   Thyristor Surge Protectors
TVB200SA MACOM-TVB200SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB200SC MACOM-TVB200SC_04 Datasheet
77Kb / 2P
   Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC_04 Datasheet
72Kb / 2P
   Thyristor Surge Protectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com