Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP3-277 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BSP3-277
Description  LED Driver & Ballast Surge Protectors, Enhanced
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BSP3-277 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BSP3-277 Datasheet HTML 1Page - List of Unclassifed Manufacturers BSP3-277 Datasheet HTML 2Page - List of Unclassifed Manufacturers BSP3-277 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications subject to change without notice.
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
BSP3-277-20KA / BSP3-480-20KA
3-Pole LED Driver & Ballast Surge Protectors,
with 20,000 Amp protection
Features
Wiring
Dimensions (Nom.)
• The BSP3 Series are 3-leaded devices that protect Line-Ground,
Line-Neutral, and Neutral-Ground in accordance with
IEEE / ANSI C62.41.2 guidelines
• Protects against surges according to IEEE C62.41.2 C High
(10kA and 10kV)
• Protects against surges according to ANSI C136.2
• Surge current rating = 20,000 Amps using industry standard
8/20 µSec wave
• Surge Location Rated Category C3
• UL Recognized Component in the United States and Canada
(UL1449, UL935, UL1029)
• BSP3 - 277 - 20KA is CE certified
• High temperature, flameproof plastic enclosure,
85ºC max surface temp rating
• “-TN” Option includes Threaded Nipple
1.55”
2.25”
1.55” 2.82”
.75”
BSP3-20K
BSP3-20K-TN
Threaded Nipple:
½”-NPS
Output
to Lamp
Black
Green
White
COM
GROUND
Vin
BSP3
LOAD
LED Driver
or electronic ballast
Pulse rating
(8 x 20 μSec)
Strikes
Surge
1
20,000 A
2
15,000 A
15
10,000 A
120
3,000 A
Leads:
12”, stripped 0.63”
Weight:
0.35 lbs / 138g
BSP3-20KA series products are designed for use in conjunction
with LED Drivers and electronic fluorescent and HID ballasts to
provide an additional level of protection against powerline distur-
bances in industrial and commercial applications
MADE IN USA
Of Imported And Domestic Components
E355018
Rev 6-29-15
Part Number
Mains
Voltage
Continuous
Max Voltage Rating
Max
Clamping Voltage
8/20 µS @ 20kA
UL1449 UL935/
UL1029
CE
AC
DC
BSP3-277-20KA 100-277V
320
420
1600
BSP3-480-20KA
480V
550
745
3000


Similar Part No. - BSP3-277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP3-277 ETC2-BSP3-277 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-277 ETC2-BSP3-277 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
Hubbell Incorporated.
BSP3-277 HUBBELL-BSP3-277 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
List of Unclassifed Man...
BSP3-277(LC) ETC2-BSP3-277(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
More results

Similar Description - BSP3-277

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
logo
Hubbell Incorporated.
BSP3 HUBBELL-BSP3 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
M-System Co.,Ltd.
MD73W MSYSTEM-MD73W Datasheet
122Kb / 3P
   Lightning Surge Protectors for Lightning Surge Protectors for
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB170SC-L MACOM-TVB170SC-L Datasheet
81Kb / 2P
   Thyristor Surge Protectors
TVB200SA MACOM-TVB200SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB200SC MACOM-TVB200SC_04 Datasheet
77Kb / 2P
   Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC_04 Datasheet
72Kb / 2P
   Thyristor Surge Protectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com