Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5156ACEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5156ACEE
Description  Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5156ACEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5156ACEE Datasheet HTML 6Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 7Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 8Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 9Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 10Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 11Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 12Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 13Page - Maxim Integrated Products MAX5156ACEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Power-Down Mode
The MAX5156/MAX5157 feature a software-program-
mable shutdown mode that reduces the typical supply
current to 2µA. The two DACs can be shut down inde-
pendently or simultaneously by using the appropriate
programming word. For instance, enter shutdown mode
(for both DACs) by writing an input control word of
111XXXXXXXXXXXX0 (Table 1). In shutdown mode, the
reference inputs and amplifier outputs become high
impedance, and the serial interface remains active.
Data in the input registers is saved, allowing the
MAX5156/MAX5157 to recall the output state prior to
entering shutdown when returning to normal mode. Exit
shutdown by recalling the previous condition or by
updating the DAC with new information. When returning
to normal operation (exiting shutdown), wait 20µs for
output stabilization.
Serial Interface
The MAX5156/MAX5157 3-wire serial interface is com-
patible with both Microwire (Figure 2) and SPI/QSPI
(Figure 3) serial-interface standards. The 16-bit serial
input word consists of an address bit, two control bits,
12 bits of data (MSB to LSB), and one sub bit as shown
in Figure 4. The address and control bits determine the
response of the MAX5156/MAX5157, as outlined in
Table 1.
Low-Power, Dual, 12-Bit Voltage-Output DACs
with Configurable Outputs
10
______________________________________________________________________________________
D11................D0
MSB
LSB
FUNCTION
A0
C1
C0
0
0
1
12 bits of DAC data
Load input register A; DAC register is unchanged.
0
1
1
12 bits of DAC data
Load all DAC registers from the shift register (start up both DACs
with new data).
1
1
0
12 bits of DAC data
Load input register B; all DAC registers are updated.
0
1
0
12 bits of DAC data
Load input register A; all DAC registers are updated.
1
0
1
12 bits of DAC data
Load input register B; DAC register is unchanged.
0
0
0
1 1 0 x xxxxxxxx
Shut down DAC A when PDL = 1.
0
0
0
1 0 1 x xxxxxxxx
Update DAC register B from input register B (start up DAC B with
data previously stored in input register B).
0
0
0
0 0 1 x xxxxxxxx
Update DAC register A from input register A (start up DAC A with
data previously stored in input register A).
1
1
1
xxxxxxxxxxxx
Shut down both DACs if PDL = 1.
1
0
0
xxxxxxxxxxxx
Update both DAC registers from their respective input registers
(start up both DACs with data previously stored in the input
registers).
0
0
0
1 1 1 x xxxxxxxx
Shut down DAC B when PDL = 1.
0
0
0
0 1 0 x xxxxxxxx
UPO goes low (default).
0
0
0
0 1 1 x xxxxxxxx
UPO goes high.
0
0
0
1 0 0 1 xxxxxxxx
Mode 1, DOUT clocked out on SCLK’s rising edge.
0
0
0
1 0 0 0 xxxxxxxx
Mode 0, DOUT clocked out on SCLK’s falling edge (default).
0
0
0
0 0 0 x xxxxxxxx
No operation (NOP).
Table 1. Serial-Interface Programming Commands
“x” = don’t care
Note: D11, D10, D9, and D8 become control bits when A0, C1, and C0 = 0. S0 is a sub bit, always zero.
S0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
16-BIT SERIAL WORD


Similar Part No. - MAX5156ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156ACEE MAXIM-MAX5156ACEE Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
More results

Similar Description - MAX5156ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5152 MAXIM-MAX5152 Datasheet
225Kb / 20P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Rev 0; 10/97
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
   ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com