Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5170 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5170
Description  Low-Power, Serial, 14-Bit DACs with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5170 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5170 Datasheet HTML 1Page - Maxim Integrated Products MAX5170 Datasheet HTML 2Page - Maxim Integrated Products MAX5170 Datasheet HTML 3Page - Maxim Integrated Products MAX5170 Datasheet HTML 4Page - Maxim Integrated Products MAX5170 Datasheet HTML 5Page - Maxim Integrated Products MAX5170 Datasheet HTML 6Page - Maxim Integrated Products MAX5170 Datasheet HTML 7Page - Maxim Integrated Products MAX5170 Datasheet HTML 8Page - Maxim Integrated Products MAX5170 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Voltage Output
_______________________________________________________________________________________
5
Note 1: INL guaranteed between codes 40 and 16383.
Note 2: Offset is measured at the code that comes closest to 10mV.
Note 3: Accuracy is better than 1.0 LSB for VOUT = 10mV to VDD - 180mV. Guaranteed by PSR test on end points.
Note 4: RL = open and digital inputs are either VDD or DGND.
Note 5: INL guaranteed between codes 80 and 16383.
ELECTRICAL CHARACTERISTICS—MAX5172 (continued)
(VDD = 2.7V to 3.6V, VREF = 1.25V, OS = AGND = DGND, RL = 5kΩ, CL = 100pF referenced to ground, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25°C).
µA
110
Shutdown Current (Note 4)
ns
150
tCP
SCLK Clock Period
ns
75
tCH
SCLK Pulse Width High
ns
75
CONDITIONS
tCL
SCLK Pulse Width Low
ns
60
tCSS
CSB Fall to SCLK Rise Setup
Time
ns
0
tCSH
SCLK Rise to
CS Rise Hold
Time
ns
60
tDS
SDI Setup Time
ns
0
tDH
SDI Hold Time
CLOAD = 200pF
ns
200
tDO1
SCLK Rise to DOUT Valid
Propagation Delay
ns
75
tCS1
CS Rise to SCLK Rise Hold Time
CLOAD = 200pF
ns
200
tDO2
SCLK Fall to DOUT Valid
Propagation Delay
To ±0.5LSB from 10mV to full-scale
µs
18
Output Settling Time
ns
10
tCS0
SCLK Rise to
CS Fall Delay
ns
150
tCSW
CS Pulse Width High
V/µs
0.6
SR
Voltage Output Slew Rate
V
0
VDD
Output Voltage Swing (Note 3)
k
80
120
OS Pin Input Resistance
µs
40
Time Required to Exit Shutdown
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CS = VDD, fSCLK = 100kHz, VSCLK = 3Vp-p
nV-s
1
Digital Feedthrough
V
2.7
3.6
VDD
Positive Supply Voltage
mA
0.28
0.4
IDD
Power-Supply Current (Note 4)
DYNAMIC PERFORMANCE
POWER SUPPLIES
TIMING CHARACTERISTICS


Similar Part No. - MAX5170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171AEEE MAXIM-MAX5171AEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171BEEE MAXIM-MAX5171BEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com