Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5171 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5171
Description  Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5171 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5171 Datasheet HTML 5Page - Maxim Integrated Products MAX5171 Datasheet HTML 6Page - Maxim Integrated Products MAX5171 Datasheet HTML 7Page - Maxim Integrated Products MAX5171 Datasheet HTML 8Page - Maxim Integrated Products MAX5171 Datasheet HTML 9Page - Maxim Integrated Products MAX5171 Datasheet HTML 10Page - Maxim Integrated Products MAX5171 Datasheet HTML 11Page - Maxim Integrated Products MAX5171 Datasheet HTML 12Page - Maxim Integrated Products MAX5171 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Force/Sense Voltage Output
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(MAX5171: VDD = +5V, VREF = 2.5V; MAX5173: VDD = +3V, VREF = 1.25V; CL = 100pF, FB = OUT, code = 3FFF hex, TA = +25°C,
unless otherwise noted.)
-25.0
-20.0
-10.0
-15.0
-5.0
0
0
1000
500
1500
2000
2500
3000
REFERENCE VOLTAGE
INPUT FREQUENCY RESPONSE
FREQUENCY (kHz)
VREF = 0.67Vp-p + 1.25VDC
VDD
(1V/div)
VOUT
(10mV/div)
AC-COUPLED
START-UP GLITCH
50ms/div
Pin Description
Voltage Output. High impedance in shutdown. Output voltage is limited to VDD.
OUT
2
Power-Down Lockout (digital input). Connect to VDD to allow shutdown. Connect to DGND to disable shut-
down.
PDL
4
Reset Mode Select (digital input). Connect to VDD to select midscale reset output value. Connect to DGND
to select 0 reset output value.
RS
3
Chip-Select Input (digital input)
CS
6
Serial Clock Input (digital input)
SCLK
8
Serial-Data Input (digital input). Data is clocked in on the rising edge of SCLK.
DIN
7
Clear DAC (digital input). Clears the DAC to its predetermined output state as set by RS.
CLR
5
Serial-Data Output
DOUT
10
Shutdown (digital input). Pulling SHDN high when PDL = VDD places the chip in shutdown mode with a
maximum shutdown current 0f 10µA.
SHDN
12
User-Programmable Output. State is set by serial input.
UPO
11
Reference Input. Maximum VREF is VDD - 1.4V.
REF
14
PIN
Positive Supply. Bypass to AGND with a 4.7µF capacitor in parallel with a 0.1µF capacitor.
VDD
16
Feedback Input
FB
1
FUNCTION
NAME
No Connection
N.C.
15
Analog Ground
AGND
13
Digital Ground
DGND
9


Similar Part No. - MAX5171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com