Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5171 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5171
Description  Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5171 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5171 Datasheet HTML 1Page - Maxim Integrated Products MAX5171 Datasheet HTML 2Page - Maxim Integrated Products MAX5171 Datasheet HTML 3Page - Maxim Integrated Products MAX5171 Datasheet HTML 4Page - Maxim Integrated Products MAX5171 Datasheet HTML 5Page - Maxim Integrated Products MAX5171 Datasheet HTML 6Page - Maxim Integrated Products MAX5171 Datasheet HTML 7Page - Maxim Integrated Products MAX5171 Datasheet HTML 8Page - Maxim Integrated Products MAX5171 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX5171/MAX5173 low-power, serial, voltage-output,
14-bit digital-to-analog converters (DACs) feature a preci-
sion output amplifier in a space-saving 16-pin QSOP
package. The MAX5171 operates from a +5V single sup-
ply, and the MAX5173 operates from a +3V single supply.
The output amplifier’s inverting input is available to allow
specific gain configurations, remote sensing, and high
output current capability. This makes the MAX5171/
MAX5173 ideal for a wide range of applications, including
industrial process control. Both devices draw only 260µA
of supply current, which reduces to 1µA in shutdown
mode. In addition, the programmable power-up reset fea-
ture allows for a user-selectable output voltage of either 0
or midscale.
The 3-wire serial interface is compatible with SPI™,
QSPI™, and MICROWIRE™ standards. An input register
followed by a DAC register provides a double-buffered
input, allowing the input and DAC registers to be updated
independently or simultaneously with a 16-bit serial word.
Additional features include software and hardware shut-
down, shutdown lockout, a hardware clear pin, and a ref-
erence input capable of accepting DC and offset AC
signals. These devices provide a programmable digital
output pin for added functionality and a serial-data output
pin for daisy-chaining. All logic inputs are TTL/CMOS-
compatible and are internally buffered with Schmitt trig-
gers to allow direct interfacing to optocouplers.
The MAX5171/MAX5173 incorporate a proprietary on-chip
circuit that keeps the output voltage virtually “glitch free,”
limiting the glitches to a few millivolts during power-up.
Both devices are available in 16-pin QSOP packages and
are specified for the extended (-40°C to +85°C) tempera-
ture range. The MAX5171/MAX5173 are pin-compatible
upgrades to the 12-bit MAX5175/MAX5177. For 100% pin-
compatible DACs with an internal reference, see the 13-bit
MAX5132/MAX5133 and the 12-bit MAX5122/MAX5123
data sheets.
Applications
Features
o ±1 LSB INL
o 1µA Shutdown Current
o “Glitch Free” Output Voltage at Power-Up
o Single-Supply Operation: +5V (MAX5171)
+3V (MAX5173)
o Full-Scale Output Range:
+2.048V (MAX5173, VREF = +1.25V)
+4.096V (MAX5171, VREF = +2.5V )
o Rail-to-Rail® Output Amplifier
o Low THD (-80dB) in Multiplying Operation
o SPI/QSPI/MICROWIRE-Compatible 3-Wire
Serial Interface
o Programmable Shutdown Mode and Power-Up
Reset
o Buffered Output Capable of Driving 5k
Ω || 100pF
Loads
o User-Programmable Digital Output Pin Allows
Serial Control of External Components
o Pin-Compatible Upgrade to the 12-Bit
MAX5175/MAX5177
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
Low-Power, Serial, 14-Bit DACs
with Force/Sense Voltage Output
________________________________________________________________
Maxim Integrated Products
1
19-1476; Rev 0; 4/99
Pin Configuration
Functional Diagram appears at end of data sheet.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FB
VDD
N.C.
REF
AGND
PDL
UPO
DOUT
DGND
TOP VIEW
MAX5171
MAX5173
QSOP
OUT
RS
CS
SHDN
CLR
DIN
SCLK
Ordering Information
Digitally Programmable 4–20mA Current Loops
Industrial Process Control
Digital Offset and Gain Adjustment
Motion Control
Automatic Test Equipment (ATE)
Remote Industrial Controls
µP-Controlled Systems
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
PART
MAX5171AEEE
MAX5171BEEE
MAX5173AEEE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
16 QSOP
MAX5173BEEE
-40°C to +85°C
16 QSOP
INL
(LSB)
±1
±2
±2
±4


Similar Part No. - MAX5171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5171

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com