Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX517ACSA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX517ACSA
Description  2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX517ACSA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX517ACSA Datasheet HTML 1Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 2Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 3Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 4Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 5Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 6Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 7Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 8Page - Maxim Integrated Products MAX517ACSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2-Wire Serial 8-Bit DACs with
Rail-to-Rail Outputs
_______________________________________________________________________________________
5
10
0
0
0.5
1.5
2.5
3.0
3.5
4.0
FULL-SCALE ERROR vs. SOURCE CURRENT
(VREF = VDD)
2
8
OUTPUT SOURCE CURRENT (mA)
1.0
2.0
6
4
VDD = VREF = 5V
DAC CODE = FF HEX
LOAD TO AGND
10
0
0
0.5
2.0
ZERO-CODE ERROR
vs. SINK CURRENT
2
8
OUTPUT SINK CURRENT (mA)
1.0
1.5
6
4
VDD = VREF = 5V
DAC CODE = 00 HEX
LOAD to VDD
3.0
0
-55
-15
5
-35
65
125
MAX517/MAX519 SUPPLY CURRENT
vs. TEMPERATURE
0.5
2.0
2.5
TEMPERATURE (°C)
45
25
85 105
1.5
1.0
VDD = 5.5V
REF_ INPUTS = 0.6V
ALL DIGITAL INPUTS to VDD
MAX519, DAC CODE = FF HEX
MAX517, MAX519
DAC CODE = 00 HEX
MAX517, DAC CODE = FF HEX
3.0
3.5
0
-55 -35 -15
565
45
125
105
MAX518 SUPPLY CURRENT
vs. TEMPERATURE
0.5
2.0
2.5
TEMPERATURE (°C)
25
85
1.5
1.0
VDD = 5.5V
AD0, AD1 = VDD
DAC CODE = FF HEX
DAC CODE = 1B HEX
DAC CODE = 00 HEX
6
0
-55
-15
-35
45
65
125
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
1
4
5
TEMPERATURE (°C)
25
5
85 105
3
2
VDD = 5.5V
ALL DIGITAL INPUTS to VDD
MAX518 SUPPLY CURRENT
vs. DAC CODE
DAC CODE (DECIMAL)
VDD = 5.5V
BOTH DACS SET
0
0
0.5
1.0
1.5
2.0
2.5
3.0
32
64
96
128 160 192 224 256
2.5
0
01
0.5
3
2.5
5
4.5
MAX517/MAX519 SUPPLY CURRENT
vs. REFERENCE VOLTAGE
0.5
1.5
2.0
REFERENCE VOLTAGE (V)
2
1.5
4
3.5
1.0
VDD = 5V
DAC CODE(S) FF HEX
MAX519
MAX517
0
1k
100k
10k
1M
10M
MAX517/MAX519 REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
-16
FREQUENCY (Hz)
-12
-8
-4
VDD = 5V
VREF = SINE WAVE
CENTERED AT 2.5V
4VP-P SINE
2VP-P SINE
1VP-P SINE
0.5VP-P SINE
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
OUT0 LOADED WITH 10k
Ω II 100pF
REF0 = 4V (MAX517/MAX519)
DAC CODE = 00 HEX to FF HEX
1
µs/div
POSITIVE FULL-SCALE STEP RESPONSE
OUT0
1V/div


Similar Part No. - MAX517ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171AEEE MAXIM-MAX5171AEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX517ACSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com