Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5172AEEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5172AEEE
Description  Low-Power, Serial, 14-Bit DACs with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5172AEEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5172AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5172AEEE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Voltage Output
______________________________________________________________________________________
11
The MAX5170/MAX5172 accepts one 16-bit packet or
two 8-bit packets sent while
CS remains low. The
MAX5170/MAX5172 allow the following to be config-
ured:
• Clock edge on which serial data output (DOUT) is
clocked out
• State of the user-programmable logic output
• Configuration of the reset state.
Specific commands for setting these are shown in
Table 1.
The general timing diagram in Figure 4 illustrates how
the MAX5170/MAX5172 acquire data.
CS must go low
at least tCSS before the rising edge of the serial clock
(SCLK). With
CS low, data is clocked into the register
on the rising edge of SCLK. The maximum serial clock
frequency guaranteed for proper operation is 10MHz
for MAX5170 and 6MHz for MAX5172. See Figure 5 for
a detailed timing diagram of the serial interface.
Serial Data Output (DOUT)
The serial-data output, DOUT, is the internal shift regis-
ter’s output and allows for daisy-chaining of multiple
devices as well as data readback (see
Applications
Information). By default upon start-up, data shifts out of
DOUT on the serial clock’s rising edge (Mode 0) and
provides a lag of 16 clock cycles, thus maintaining SPI,
QSPI, and MICROWIRE compatibility. However, if the
device is programmed for Mode 1, the output data lags
DIN by 16.5 clock cycles and is clocked out on the ser-
ial clock’s rising edge. During shutdown, DOUT retains
its last digital state prior to shutdown.
Load input register; DAC registers are updated (start-up DAC with new data).
1
0
Load input register; DAC registers are unchanged.
0
0
14-bit DAC data
14-bit DAC data
16-BIT SERIAL WORD
D11..................D0
C1
FUNCTION
C0
No operation (NOP).
1
1
0 0 x xxx xxxx xxxx
x x x xxx xxxx xxxx
Update DAC register from input register (start-up DAC with data previously
stored in the input registers).
0
1
UPO goes low (default).
1
1
1 0 0 xxx xxxx xxxx
0 1 x xxx xxxx xxxx
Mode 1, DOUT clocked out on SCLK’s rising edge.
1
1
1 1 0 xxx xxxx xxxx
1 0 1 xxx xxxx xxxx
UPO goes high.
1
1
Shut down DAC (provided
PDL = 1).
1
1
Mode 0, DOUT clocked out on SCLK’s falling edge (default).
1
1
1 1 1 xxx xxxx xxxx
SCLK
DIN
CS
MOSI
SCK
+5V
I/O
CPOL = 0, CPHA = 0
SPI/QSPI
PORT
SS
MAX5170
MAX5172
Figure 2. Connections for SPI and QSPI Interface
SCLK
DIN
CS
SK
SO
I/O
MICROWIRE
PORT
MAX5170
MAX5172
Figure 3. Connections for MICROWIRE Interface Standards
Table 1. Serial-Interface Programming Commands


Similar Part No. - MAX5172AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX517-MAX519 MAXIM-MAX517-MAX519 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171AEEE MAXIM-MAX5171AEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171BEEE MAXIM-MAX5171BEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX5172AEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com