Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX517BCSA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX517BCSA
Description  2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX517BCSA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX517BCSA Datasheet HTML 1Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 2Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 3Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 4Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 5Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 6Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 7Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 8Page - Maxim Integrated Products MAX517BCSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
mA
2-Wire Serial 8-Bit DACs with
Rail-to-Rail Outputs
4
_______________________________________________________________________________________
Note 1:
For the MAX518 (full-scale = VDD) the last three codes are excluded from the TUE and DNL specifications, due to the limited
output swing when loaded with 10k
Ω to GND.
Note 2:
Input resistance is code dependent. The lowest input resistance occurs at code = 55 hex.
Note 3:
Input capacitance is code dependent. The highest input capacitance occurs at code FF hex.
Note 4:
VREF_ = 4Vp-p, 10kHz. Channel-to-channel isolation is measured by setting the code of one DAC to FF hex and setting the
code of all other DACs to 00 hex.
Note 5:
VREF_ = 4Vp-p, 10kHz, DAC code = 00 hex.
Note 6:
Guaranteed by design.
Note 7:
I
2C compatible mode.
Note 8:
Output settling time is measured by taking the code from 00 hex to FF hex, and from FF hex to 00 hex.
Note 9:
A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) in order to
bridge the undefined region of SCL’s falling edge.
Note 10: Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3VDD and 0.7VDD.
Note 11: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.
Hold Time, (Repeated) Start Condition
tHD, STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between a STOP and a
START Condition
tBUF
1.3
µs
CONDITIONS
µs
Setup Time for a Repeated START Condition
tSU, STA
0.6
µs
Data Hold Time
tHD, DAT
0
0.9
µs
Data Setup Time
tSU, DAT
100
(Note 9)
ns
Fall Time of SDA Transmitting (Note 7)
tF
20 + 0.1Cb
250
ns
Setup Time for STOP Condition
tSU, STO
0.6
µs
Capacitive Load for Each Bus Line
Cb
400
ISINK ≤ 6mA (Note 10)
pF
Rise Time of Both SDA and SCL Signals, Receiving
tR
20 + 0.1Cb
300
ns
Fall Time of Both SDA and SCL Signals, Receiving
tF
20 + 0.1Cb
300
(Note 10)
(Note 10)
ns
Pulse Width of Spike Suppressed
tSP
050
(Notes 6, 11)
ns
TIMING CHARACTERISTICS
(VDD = 5V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are TA = +25°C.)
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±10%, VREF_ = 4V (MAX517, MAX519), RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX UNITS
CONDITIONS
Digital-Analog Glitch Impulse
12
Code 128 to 127
nV-s
Signal to Noise + Distortion
Ratio (MAX517, MAX519)
SINAD
87
VREF_ = 4Vp-p at 1kHz, VDD = 5V,
Code = FF hex
dB
Multiplying Bandwidth
(MAX517, MAX519)
1
MHz
Wideband Amplifier Noise
60
µVRMS
Supply Voltage
VDD
4.5
5.5
V
1.5
3.0
MAX517E/M
MAX517C
2.5
5
1.5
3.5
VREF_ = 4Vp-p, 3dB bandwidth
Supply Current
Normal mode, output(s)
unloaded, all digital inputs
at 0V or VDD
2.5
6
MAX518C, MAX519C
MAX518E/M, MAX519E/M
IDD
Power-down mode
420
µA
POWER REQUIREMENTS


Similar Part No. - MAX517BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5170 MAXIM-MAX5170 Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170AEEE MAXIM-MAX5170AEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5170BEEE MAXIM-MAX5170BEEE Datasheet
241Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Voltage Output
Rev 0; 4/99
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5171AEEE MAXIM-MAX5171AEEE Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
More results

Similar Description - MAX517BCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX509 MAXIM-MAX509 Datasheet
235Kb / 20P
   Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 2; 1/96
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
   Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Linear Technology
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com