Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1085 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB1085
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB1085 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB1085_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB1085_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB1085_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB1085
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA ,IB=0
-120
V
V(BR)CBO
Collector-base breakdown voltage
IC=-50μA ,IE=0
-120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-50μA ,IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-1A; IB=-0.1A
-2.0
V
VBEsat
Base-emitter saturation voltage
IC=-1A; IB=-0.1A
-1.5
V
ICBO
Collector cut-off current
VCB=-100V; IE=0
-1.0
μA
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-1.0
μA
hFE
DC current gain
IC=-0.1A ; VCE=-5V
60
320
COB
Output capacitance
IE=0 ; VCB=-10V,f=1MHz
30
pF
fT
Transition frequency
IC=-0.1A ; VCE=-5V
50
MHz
hFE classifications
D
E
F
60-120
100-200
160-320


Similar Part No. - 2SB1085_15

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1085A ROHM-2SB1085A Datasheet
33Kb / 1P
   Epitaxial Planar PNP Silicon Transistor
2SB1085A ROHM-2SB1085A Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SB1085A SAVANTIC-2SB1085A Datasheet
93Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1085A JMNIC-2SB1085A Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1085A ISC-2SB1085A Datasheet
136Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1085_15

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com