Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNA9260 Datasheet(PDF) 7 Page - International Rectifier

Part # IRHNA9260
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA9260 Datasheet(HTML) 7 Page - International Rectifier

  IRHNA9260 Datasheet HTML 1Page - International Rectifier IRHNA9260 Datasheet HTML 2Page - International Rectifier IRHNA9260 Datasheet HTML 3Page - International Rectifier IRHNA9260 Datasheet HTML 4Page - International Rectifier IRHNA9260 Datasheet HTML 5Page - International Rectifier IRHNA9260 Datasheet HTML 6Page - International Rectifier IRHNA9260 Datasheet HTML 7Page - International Rectifier IRHNA9260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
IRHNA9260, JANSR2N7426U
QG
QGS
QGD
VG
Charge
-12 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Pre-Irradiation
25
50
75
100
125
150
0
300
600
900
1200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-13A
-18.3A
-29A
Fig 12a. Unclamped Inductive Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-12V
tp
V(BR)DSS
IAS
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
-12V
.


Similar Part No. - IRHNA9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA9260 IRF-IRHNA9260 Datasheet
118Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results

Similar Description - IRHNA9260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com