Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5184 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5184
Description  10-Bit, 40MHz, Current/Voltage-Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5184 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5184 Datasheet HTML 4Page - Maxim Integrated Products MAX5184 Datasheet HTML 5Page - Maxim Integrated Products MAX5184 Datasheet HTML 6Page - Maxim Integrated Products MAX5184 Datasheet HTML 7Page - Maxim Integrated Products MAX5184 Datasheet HTML 8Page - Maxim Integrated Products MAX5184 Datasheet HTML 9Page - Maxim Integrated Products MAX5184 Datasheet HTML 10Page - Maxim Integrated Products MAX5184 Datasheet HTML 11Page - Maxim Integrated Products MAX5184 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
10-Bit, 40MHz, Current/Voltage-Output DACs
8
_______________________________________________________________________________________
Detailed Description
The MAX5181/MAX5184 are 10-bit digital-to-analog con-
verters (DACs) capable of operating with clock speeds
up to 40MHz. Each converter consists of separate input
and DAC registers, followed by a current source array
capable of generating up to 1.5mA full-scale output cur-
rent (Figure 1). An integrated +1.2V voltage reference
and control amplifier determine the data converters’ full-
scale output currents/voltages. Careful reference design
ensures close gain matching and excellent drift charac-
teristics. The MAX5184’s voltage output operation fea-
tures matched 400
Ω on-chip resistors that convert the
current-array current into a voltage.
Internal Reference and
Control Amplifier
The MAX5181/MAX5184 provide an integrated 50ppm/°C,
+1.2V, low-noise bandgap reference that can be dis-
abled and overridden by an external reference voltage.
REFO serves either as an external reference input or an
integrated reference output. If REN is connected to
DGND, the internal reference is selected and REFO
provides a +1.2V output. Due to its limited 10µA output
drive capability, REFO must be buffered with an exter-
nal amplifier if heavier loading is required.
The MAX5181/MAX5184 also employ a control amplifier
designed to regulate simultaneously the full-scale out-
put current (IFS) for both outputs of the devices. The
output current is calculated as follows:
IFS = 8 · IREF
where IREF is the reference output current (IREF =
VREFO/RSET) and IFS is the full-scale output current.
RSET is the reference resistor that determines the
amplifier’s output current on the MAX5181 (Figure 2).
This current is mirrored into the current source array,
where it is equally distributed between matched current
segments and summed to valid output current readings
for the DACs.
The MAX5184 converts this output current into a differ-
ential output voltage (VOUT) with two internal, ground-
referenced 400
Ω load resistors. Using the internal
+1.2V reference voltage, the MAX5184’s integrated
9.6k*
REFR
REFO
1.2V REF
REN
CURRENT-
SOURCE ARRAY
DAC SWITCHES
400
Ω*
OUTP
OUTN
400
Ω*
MSB
DECODE
CLK
OUTPUT
LATCHES
OUTPUT
LATCHES
INPUT
LATCHES
*INTERNAL 400
Ω AND 9.6kΩ
RESISTORS FOR MAX5184 ONLY.
INPUT
LATCHES
AVDD
AGND
CS
DACEN
PD
DVDD
DGND
CREF
MAX5181
MAX5184
MSB
DECODE
D9–D0
Figure 1. Functional Diagram


Similar Part No. - MAX5184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5184BEEG MAXIM-MAX5184BEEG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5184ETG MAXIM-MAX5184ETG Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5184ETV MAXIM-MAX5184ETV Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
More results

Similar Description - MAX5184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com