Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5189BEEI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5189BEEI
Description  Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5189BEEI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5189BEEI Datasheet HTML 3Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 4Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 5Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX5189BEEI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Dual, 8-Bit, 40MHz, Current/Voltage,
Simultaneous-Output DACs
_______________________________________________________________________________________
7
Pin Description
Reference Input
REFR
24
Digital Ground
DGND
23
Digital Supply, +2.7V to +3.3V
DVDD
22
Data Bit D7 (MSB)
D7
21
7
PD
Power-Down Select
0: Enter DAC standby mode (DACEN = DGND) or power-up DAC (DACEN = DVDD).
1: Enter shutdown mode.
3
OUT1N
Negative Analog Output, DAC1. Current output for MAX5186; voltage output for MAX5189.
Data Bits D1–D6
D1–D6
15–20
Data Bit D0 (LSB)
D0
14
Digital Ground
DGND
13
Digital Ground
DGND
12
Active-Low Reference Enable. Connect to DGND to activate on-chip +1.2V reference.
REN
11
No Connect. Do not connect to this pin.
N.C.
10
Clock input
CLK
9
Active-Low Chip Select
CS
8
NAME
FUNCTION
1
CREF1
Reference Bias Bypass, DAC1
2
OUT1P
Positive Analog Output, DAC1. Current output for MAX5186; voltage output for MAX5189.
PIN
6
DACEN
DAC Enable, Digital Input
0: Enter DAC standby mode with PD = DGND.
1: Power-up DAC with PD = DGND.
X: Enter shutdown mode with PD = DVDD (X = don’t care).
5
AVDD
Analog Positive Supply, +2.7V to +3.3V
4
AGND
Analog Ground
Reference Bias Bypass, DAC2
CREF2
28
Positive Analog Output, DAC2. Current output for MAX5186; voltage output for MAX5189.
OUT2P
27
Negative Analog Output, DAC2. Current output for MAX5186; voltage output for MAX5189.
OUT2N
26
Reference Output
REFO
25


Similar Part No. - MAX5189BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX518 MAXIM-MAX518 Datasheet
178Kb / 16P
   2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5180BEEI MAXIM-MAX5180BEEI Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5181BEEG MAXIM-MAX5181BEEG Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
More results

Similar Description - MAX5189BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5188 MAXIM-MAX5188 Datasheet
226Kb / 16P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 0; 12/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com