Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5188BEEI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5188BEEI
Description  Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5188BEEI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5188BEEI Datasheet HTML 4Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 5Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 6Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 7Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 8Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 9Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 10Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 11Page - Maxim Integrated Products MAX5188BEEI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Dual, 8-Bit, 40MHz, Current/Voltage,
Alternate-Phase Output DACs
8
_______________________________________________________________________________________
Detailed Description
The MAX5188/MAX5191 are dual 8-bit digital-to-analog
converters (DACs) capable of operating with clock
speeds up to 40MHz. Each of these dual converters
consists of separate input and DAC registers, followed
by a current-source array capable of generating up to
1.5mA full-scale output current (Figure 1). An integrat-
ed +1.2V voltage reference and control amplifier deter-
mine the data converters’ full-scale output currents/
voltages. Careful reference design ensures close gain
matching and excellent drift characteristics. The
MAX5191’s voltage output operation features matched
400
Ω on-chip resistors that convert the current from the
current array into a voltage.
Internal Reference
and Control Amplifier
The MAX5188/MAX5191 provide an integrated
50ppm/°C, +1.2V, low-noise bandgap reference that
can be disabled and overridden by an external refer-
ence voltage. REFO serves either as an input for an
external reference or as an output for the integrated ref-
erence. If REN is connected to DGND, the internal ref-
erence is selected and REFO provides a +1.2V output.
Due to its limited 10µA output drive capability, the
REFO pin must be buffered with an external amplifier if
heavier loading is required.
The MAX5188/MAX5191 also employ a control amplifi-
er, designed to simultaneously regulate the full-scale
output current IFS for both MAX5188/MAX5191 outputs.
The output current is calculated as follows:
IFS = 8 · IREF
where IREF is the reference output current (IREF =
VREFO / RSET) and IFS is the full-scale output current.
RSET is the reference resistor that determines the
amplifier’s output current (Figure 2) on the MAX5188.
This current is mirrored into the current-source array,
where it is equally distributed between matched current
segments and summed to valid output current readings
for the DACs.
Inside the MAX5191, each output current (DAC1 and
DAC2) is converted to an output voltage (VOUT1,
VOUT2) with two internal, ground-referenced, 400
Ω load
resistors. Using the internal +1.2V reference voltage,
the integrated reference output current resistor of the
MAX5191 (RSET = 9.6k
Ω) sets IREF to 125µA and IFS to
1mA.
9.6k*
REFR
REFO
1.2V REF
REN
CURRENT-
SOURCE ARRAY
DAC 1 SWITCHES
DAC 2 SWITCHES
MSB DECODE
CLK
OUTPUT
LATCHES
OUTPUT
LATCHES
MSB DECODE
INPUT
LATCHES
*INTERNAL 400
Ω AND 9.6kΩ RESISTORS FOR MAX5191 ONLY.
INPUT
LATCHES
AVDD
AGND
CS
DACEN
PD
DVDD
DGND
D7–D0
CREF2
MAX5188
MAX5191
CREF1
OUT2P
OUT1P
OUT2N
OUT1N
Figure 1. Functional Diagram


Similar Part No. - MAX5188BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
More results

Similar Description - MAX5188BEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5188 MAXIM-MAX5188_01 Datasheet
209Kb / 14P
   Dual, 8-Bit, 40MHz, Current/Voltage, Alternate-Phase Output DACs
Rev 2; 12/01
MAX5182 MAXIM-MAX5182 Datasheet
244Kb / 16P
   Dual, 10-Bit, 40MHz Current/Voltage Alternate-Phase Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187 Datasheet
226Kb / 16P
   8-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
MAX5187 MAXIM-MAX5187_V01 Datasheet
281Kb / 15P
   8-Bit, 40MHz, Current/Voltage-Output DACs
2001
MAX5186 MAXIM-MAX5186 Datasheet
257Kb / 15P
   Dual, 8-Bit, 40MHz, Current/Voltage, Simultaneous-Output DACs
Rev 3; 12/01
MAX5180 MAXIM-MAX5180 Datasheet
491Kb / 16P
   Dual, 10-Bit, 40MHz, Current/Voltage Simultaneous-Output DACs
Rev 0; 10/99
MAX5181 MAXIM-MAX5181_10 Datasheet
221Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 5; 8/10
MAX5181 MAXIM-MAX5181 Datasheet
285Kb / 16P
   10-Bit, 40MHz, Current/Voltage-Output DACs
Rev 0; 12/99
logo
Austin Semiconductor
AS5181 AUSTIN-AS5181 Datasheet
1Mb / 16P
   10 Bit, 40MHz Current -Output DACs
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com