Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5153ACEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5153ACEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Configurable Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5153ACEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5153ACEE Datasheet HTML 3Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 4Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 5Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 6Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 7Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 8Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 9Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 10Page - Maxim Integrated Products MAX5153ACEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Configurable Outputs
_______________________________________________________________________________________
7
-20
-16
-18
-12
-14
-8
-10
-6
-2
-4
0
0
500
1000
1500
2000
2500
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (kHz)
VREF = 0.67Vp-p AT 1.25VDC
CODE = 1FFF (HEX)
0.40
0.50
0.45
0.55
0.60
-60
20
60
-20
100
140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
CODE = 1FFF (HEX)
CODE = 0000 (HEX)
RL = ∞
-30
-90
0
10
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-70
-50
-60
-80
-40
FREQUENCY (kHz)
VREF = 1Vp-p AT 1VDC
CODE = 1FFF (HEX)
0
-1.2
0.1
1
10
100
1000
FULL-SCALE ERROR vs. LOAD
-0.8
LOAD (k
Ω)
-1.0
-0.6
-0.4
-0.2
VREF = 1.25V
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0.5
1.5 2.0 2.5
1.0
3.0 3.5 4.0
5.0
4.5
5.5
OUTPUT FFT PLOT
FREQUENCY (kHz)
VREF = 1.6Vp-p AT 0.88VDC
f = 1kHz
CODE = 1FFF (HEX)
NOTE: RELATIVE TO FULL SCALE
-150
-130
-140
-110
-120
-90
-100
-80
-60
-70
-50
0.5
1.5 2.0 2.5
1.0
3.0 3.5 4.0
5.0
4.5
5.5
REFERENCE FEEDTHROUGH AT 1kHz
FREQUENCY (kHz)
VREF = 1.6Vp-p AT 0.88VDC
CODE = 0000 (HEX)
0
1.5
1.0
0.5
2.0
2.5
3.0
-55
25
5
-35 -15
45
65
85 105 125
POWER-DOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
OUT_
500mV/div
DYNAMIC-RESPONSE RISE TIME
MAX5152 TOC17
2
µs/div
CS
2V/div
OUT_
500mV/div
DYNAMIC-RESPONSE FALL TIME
MAX5152 TOC18
2
µs/div
CS
2V/div
____________________________Typical Operating Characteristics (continued)
(VDD = +3V, RL = 10kΩ, CL = 100pF, FB_ tied to OUT_, TA = +25°C, unless otherwise noted.)
MAX5153


Similar Part No. - MAX5153ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX515 MAXIM-MAX515 Datasheet
174Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 10-Bit DACs
Rev 2; 11/96
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACEE MAXIM-MAX5150ACEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150ACPE MAXIM-MAX5150ACPE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5150AEEE MAXIM-MAX5150AEEE Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
More results

Similar Description - MAX5153ACEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5156 MAXIM-MAX5156 Datasheet
145Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Configurable Outputs
Rev 1; 12/97
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com