Electronic Components Datasheet Search |
|
MAX519BEPE Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX519BEPE Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 16 page 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs _______________________________________________________________________________________ 5 10 0 0 0.5 1.5 2.5 3.0 3.5 4.0 FULL-SCALE ERROR vs. SOURCE CURRENT (VREF = VDD) 2 8 OUTPUT SOURCE CURRENT (mA) 1.0 2.0 6 4 VDD = VREF = 5V DAC CODE = FF HEX LOAD TO AGND 10 0 0 0.5 2.0 ZERO-CODE ERROR vs. SINK CURRENT 2 8 OUTPUT SINK CURRENT (mA) 1.0 1.5 6 4 VDD = VREF = 5V DAC CODE = 00 HEX LOAD to VDD 3.0 0 -55 -15 5 -35 65 125 MAX517/MAX519 SUPPLY CURRENT vs. TEMPERATURE 0.5 2.0 2.5 TEMPERATURE (°C) 45 25 85 105 1.5 1.0 VDD = 5.5V REF_ INPUTS = 0.6V ALL DIGITAL INPUTS to VDD MAX519, DAC CODE = FF HEX MAX517, MAX519 DAC CODE = 00 HEX MAX517, DAC CODE = FF HEX 3.0 3.5 0 -55 -35 -15 565 45 125 105 MAX518 SUPPLY CURRENT vs. TEMPERATURE 0.5 2.0 2.5 TEMPERATURE (°C) 25 85 1.5 1.0 VDD = 5.5V AD0, AD1 = VDD DAC CODE = FF HEX DAC CODE = 1B HEX DAC CODE = 00 HEX 6 0 -55 -15 -35 45 65 125 SHUTDOWN SUPPLY CURRENT vs. TEMPERATURE 1 4 5 TEMPERATURE (°C) 25 5 85 105 3 2 VDD = 5.5V ALL DIGITAL INPUTS to VDD MAX518 SUPPLY CURRENT vs. DAC CODE DAC CODE (DECIMAL) VDD = 5.5V BOTH DACS SET 0 0 0.5 1.0 1.5 2.0 2.5 3.0 32 64 96 128 160 192 224 256 2.5 0 01 0.5 3 2.5 5 4.5 MAX517/MAX519 SUPPLY CURRENT vs. REFERENCE VOLTAGE 0.5 1.5 2.0 REFERENCE VOLTAGE (V) 2 1.5 4 3.5 1.0 VDD = 5V DAC CODE(S) FF HEX MAX519 MAX517 0 1k 100k 10k 1M 10M MAX517/MAX519 REFERENCE VOLTAGE INPUT FREQUENCY RESPONSE -16 FREQUENCY (Hz) -12 -8 -4 VDD = 5V VREF = SINE WAVE CENTERED AT 2.5V 4VP-P SINE 2VP-P SINE 1VP-P SINE 0.5VP-P SINE __________________________________________Typical Operating Characteristics (TA = +25°C, unless otherwise noted.) OUT0 LOADED WITH 10k Ω II 100pF REF0 = 4V (MAX517/MAX519) DAC CODE = 00 HEX to FF HEX 1 µs/div POSITIVE FULL-SCALE STEP RESPONSE OUT0 1V/div |
Similar Part No. - MAX519BEPE |
|
Similar Description - MAX519BEPE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |