Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

52-PV6H240SS3H1 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV6H240SS3H1
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV6H240SS3H1 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV6H240SS3H1_15 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV6H240SS-3H1
12/17/2014
52-PV6H240SS3H1
A
rc
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
10.0mm [.315 in]
1
(-)
(+)
21
(-)
A
21738
New Release
12/17/14
rc
18.00
[.709 in]
11.90
[.469 in]
1.50
[.059 in]
15.50
[.610 in]
16.50 .50
.650 .020 in
[]
20.00 .50
.787 .020 in
[]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER PLATED
5. RATING: 2A 48VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000MΩ MIN.
8. DIELECTRIC STRENGTH: 2,000VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50mΩ MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20°C to 55°C
11. TRAVEL: 1.8mm
12.
DENOTES CRITICAL PARAMETER.
13. ILLUMINATION COLOR: RED (FORWARD), BLUE (REVERSE)
14. HARDWARE SUPPLIED: O-RING AND HEXNUT (NOT SHOWN)
15. ILLUMINATION VOLTAGE RATING: 1.8 v 20 mA FORWARD, 2.8 v 20 mA
REVERSE
16. 2002/95/EC (ROHS) COMPLIANT
16.00
[.630 in]
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
OFF
OPEN
1-2
(ON) = MOMENTARY
RING ILLUMINATION
HIGH ACTUATOR
MACHINE FINISH
STAINLESS STEEL
M16x1.0
NOTE 15
HARDWARE SUPPLIED
BODY FINISH
MACHINE FINISH
STAINLESS STEEL
8.40
[.331 in]
9.80
[.386 in]
.50
[.020 in]
2.00
[.079 in]
9.20
[.362 in]
12
CIRCUIT: SPST
+
-
2.90
[.114 in]


Similar Part No. - 52-PV6H240SS3H1_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV6H240SS3H1 E-SWITCH-52-PV6H240SS3H1 Datasheet
231Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV6H240SS3H1_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com