Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010AEJ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG2010AEJ
Description  20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010AEJ Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG2010AEJ_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an
integrated guard ring for stress protection, encapsulated in a SOD323F (SC-90) very
small and flat lead Surface Mounted Device (SMD) plastic package.
1.2 Features
Forward current:
≤ 1A
Reverse voltage:
≤ 20 V
Very low forward voltage
Very small and flat lead SMD plastic package
1.3 Applications
Low voltage rectification
High efficiency DC-to-DC conversion
Switch mode power supply
Inverse polarity protection
Low power consumption applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
PMEG2010AEJ
20 V, 1 A very low VF MEGA Schottky barrier rectifier in
SOD323F package
Rev. 03 — 15 January 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
Tsp ≤ 55 °C
--1
A
VR
reverse voltage
-
-
20
V
VF
forward voltage
IF = 1000 mA
[1] -
480
550
mV


Similar Part No. - PMEG2010AEJ_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEJ PHILIPS-PMEG2010AEJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
More results

Similar Description - PMEG2010AEJ_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2005EJ NEXPERIA-PMEG2005EJ Datasheet
211Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2005ET-Q NEXPERIA-PMEG2005ET-Q Datasheet
196Kb / 9P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG2005EH NEXPERIA-PMEG2005EH Datasheet
239Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
logo
NXP Semiconductors
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEK NXP-PMEG2010AEK Datasheet
66Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-30 March 2007
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com