Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010AEJ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG2010AEJ
Description  20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010AEJ Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG2010AEJ_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010AEJ_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PMEG2010AEJ_3
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 15 January 2010
3 of 9
NXP Semiconductors
PMEG2010AEJ
20 V, 1 A very low VF MEGA Schottky barrier rectifier
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse
power losses PR are a significant part of the total power losses. Nomograms for determining the reverse
power losses PR and IF(AV) rating are available on request.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[4]
Solder point of cathode tab.
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
350
K/W
[1][3] -
-
150
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
[4] --55
K/W
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 10 mA
-
240
270
mV
IF = 100 mA
-
300
350
mV
IF = 500 mA
-
400
460
mV
IF = 1000 mA
-
480
550
mV
IR
reverse current
VR =5V
-
5
10
μA
VR =8V
-
7
20
μA
VR =10V
-
8
30
μA
VR =15V
-
10
50
μA
VR =20V
-
15
70
μA
Cd
diode capacitance
VR = 1 V; f = 1 MHz
-
4050pF


Similar Part No. - PMEG2010AEJ_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEJ PHILIPS-PMEG2010AEJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
More results

Similar Description - PMEG2010AEJ_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010AEJ NEXPERIA-PMEG2010AEJ Datasheet
645Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG2010AEJ NXP-PMEG2010AEJ Datasheet
111Kb / 9P
   20 V, 1 A very low VF MEGA Schottky barrier rectifier in SOD323F package
Rev. 03-15 January 2010
logo
Nexperia B.V. All right...
PMEG2005EJ NEXPERIA-PMEG2005EJ Datasheet
211Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2005ET-Q NEXPERIA-PMEG2005ET-Q Datasheet
196Kb / 9P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
14 February 2022
PMEG2005EH NEXPERIA-PMEG2005EH Datasheet
239Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier
1 October 2022
logo
NXP Semiconductors
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEK NXP-PMEG2010AEK Datasheet
66Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-30 March 2007
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com