Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010BELD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG2010BELD
Description  20 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010BELD Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG2010BELD_15 Datasheet HTML 1Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NXP Semiconductors
PMEG2010BELD
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010BELD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
4 August 2015
5 / 14
006aac929
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.02
0.01
0
0.05
FR4 PCB, mounting pad for cathode 1 cm2
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aac930
tp (s)
10-3
102
103
10
1
10-2
10-1
102
103
Zth(j-a)
(K/W)
10
duty cycle =
1
0.75
0.5
0.33
0.25
0.2
0.1
0.02
0.01
0
0.05
Ceramic PCB, Al2O3, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMEG2010BELD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
More results

Similar Description - PMEG2010BELD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK_15 Datasheet
1Mb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
logo
NXP Semiconductors
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com