Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010BELD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG2010BELD
Description  20 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010BELD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG2010BELD_15 Datasheet HTML 2Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 3Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 4Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2010BELD_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
PMEG2010BELD
20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010BELD
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
4 August 2015
6 / 14
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF = 100 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tj = 25 °C
-
266
310
mV
IF = 500 mA; pulsed; tp ≤ 300 µs;
δ ≤ 0.02 ; Tj = 25 °C
-
353
390
mV
VF
forward voltage
IF = 1 A; pulsed; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C
-
428
490
mV
VR = 10 V; Tj = 25 °C
-
28
50
µA
IR
reverse current
VR = 20 V; Tj = 25 °C
-
87
200
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
31
40
pF
trr
reverse recovery time
IF = 0.5 A; IR = 0.5 A; IR(meas) = 0.1 A;
Tj = 25 °C
-
1.6
-
ns
VFRM
peak forward recovery
voltage
IF = 0.5 A; dIF/dt = 20 A/µs; Tj = 25 °C
-
565
-
mV
006aad057
10-2
10-3
1
10-1
10
IF
(A)
10-4
VF (V)
0
0.7
0.5
0.6
0.4
0.3
0.1
0.2
(1)
(2)
(3)
(4)
(5)
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj = 85 °C
(4) Tj = 25 °C
(5) Tj = −40 °C
Fig. 5. Forward current as a function of forward
voltage; typical values
006aac932
10-1
10-2
10-3
10-4
10-5
10-6
10-7
IR
(A)
10-8
VR (V)
0
20
15
5
10
(1)
(2)
(3)
(4)
(1) Tj = 125 °C
(2) Tj = 85 °C
(3) Tj = 25 °C
(4) Tj = −40 °C
Fig. 6. Reverse current as a function of reverse
voltage; typical values


Similar Part No. - PMEG2010BELD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
More results

Similar Description - PMEG2010BELD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EPAS PHILIPS-PMEG2010EPAS_15 Datasheet
231Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG2010BELD-Q NEXPERIA-PMEG2010BELD-Q Datasheet
244Kb / 12P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
18 May 2021
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK Datasheet
1Mb / 13P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-20 January 2012
logo
Nexperia B.V. All right...
PMEG2010EPAS NEXPERIA-PMEG2010EPAS Datasheet
713Kb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
logo
NXP Semiconductors
PMEG2010EPK PHILIPS-PMEG2010EPK_15 Datasheet
1Mb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-14 March 2012
logo
Nexperia B.V. All right...
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG2010EPK NEXPERIA-PMEG2010EPK Datasheet
1Mb / 15P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 14 March 2012
logo
NXP Semiconductors
PMEG2010BELD NXP-PMEG2010BELD Datasheet
966Kb / 14P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 1-18 April 2012
PMEG2005ESF PHILIPS-PMEG2005ESF_15 Datasheet
194Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
13 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com